Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 56 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 56 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 52Page - TE Connectivity Ltd 926850-2 Datasheet HTML 53Page - TE Connectivity Ltd 926850-2 Datasheet HTML 54Page - TE Connectivity Ltd 926850-2 Datasheet HTML 55Page - TE Connectivity Ltd 926850-2 Datasheet HTML 56Page - TE Connectivity Ltd 926850-2 Datasheet HTML 57Page - TE Connectivity Ltd 926850-2 Datasheet HTML 58Page - TE Connectivity Ltd 926850-2 Datasheet HTML 59Page - TE Connectivity Ltd 926850-2 Datasheet HTML 60Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
52
AMPLIVAR Terminals (Continued)
Wire Range (2) 17 AWG [1.51 mm] or (2) 15 AWG [1.45 mm]
Type
Insulation
Hole
Stud Stock
Material
Dimensions
Part
Dia. Range
Dia.
Size
Thk.
W
L
E
C
Number
.150-.190
or (2) .115
.171
8
.025
Tin Plated Brass
.342
.827
.656
.312
60752-2
2
9
.
7
6
6
.
6
1
1
0
.
1
2
9
6
.
8
4
6
.
0
4
3
.
4
3
8
.
4
-
8
1
.
3
B
or (2) 2.92
.150-.190
or (2) .115
.197
10
.025
Tin Plated Brass
.342
.827
.656
.312
61151-1
2
9
.
7
6
6
.
6
1
1
0
.
1
2
9
6
.
8
4
6
.
0
0
0
.
5
3
8
.
4
-
8
1
.
3
or (2) 2.92
Wire Range (1) 18 AWG [1.024 mm] and (1) 20.5 AWG [0.768 mm]
Type
Insulation
Hole
Stud Stock
Material
Dimensions
Part
Dia. Range
Dia.
Size
Thk.
W
L
E
C
Number
J
—
—
8
.020
Brass
.340
.955
.660
.500
505044-1
7
.
2
1
6
7
.
6
1
6
2
.
4
2
4
6
.
8
1
5
.
0
Wire Range 16
–13.5 AWG [1.29–1.78 mm]
Type
Insulation
Hole
Stud Stock
Material
Dimensions
Part
Dia. Range
Dia.
Size
Thk.
W
L
E
C
Number
K
—
—
10
.020
Brass
.340 1.220 .660
.500
505079-1
7
.
2
1
6
7
.
6
1
9
9
.
0
3
4
6
.
8
1
5
.
0
Wire Range 14.5 AWG [1.539 mm]
Type
Insulation
Hole
Stud Stock
Material
Dimensions
Part
Dia. Range
Dia.
Size
Thk.
W
L
E
C
Number
—
—
2
.025
Tin Plated Brass
.240
.620
.500
.165
505036-1
N
9
1
.
4
7
.
2
1
5
7
.
5
1
1
.
6
4
6
.
0
—
—
2
.025
Brass
.240
.620
.500
.165
505036-3
9
1
.
4
7
.
2
1
5
7
.
5
1
1
.
6
4
6
.
0
Wire Range (2) 13 AWG [1.83 mm]
Type
Insulation
Hole
Stud Stock
Material
Dimensions
Part
Dia. Range
Dia.
Size
Thk.
W
L
E
C
Number
B
.150-.190
.171
8
.025
Tin Plated Brass
.342
.827
.656
.312
63864-1
2
9
.
7
6
6
.
6
1
0
0
.
1
2
9
6
.
8
4
6
.
0
4
3
.
4
3
8
.
4
-
1
8
.
3
H
J
K
M
N
Stud Retaining Terminals
Alternator Eyelet Terminal
Wire Size Range 13
–11 AWG [1.83–2.3 mm]
Type
Insulation
Hole
Stud Stock
Material
Dimensions
Part
Dia. Range
Dia.
Size
Thk.
W
L
E
C
Number
A
.085-.150
.180
8
.025
Brass
.342
.833
.662
.312
061710-1
2
9
.
7
1
8
.
6
1
6
1
.
1
2
9
6
.
8
4
6
.
0
7
5
.
4
1
8
.
3
-
6
1
.
2
—
.180
8
.025
Tin Plated Brass
.342
.665
.495
.312
350571-1
C
2
9
.
7
7
5
.
2
1
9
8
.
6
1
9
6
.
8
4
6
.
0
7
5
.
4
—
.197
10
.025
Tin Plated Brass
.342
.665
.495
.312
640212-1
2
9
.
7
7
5
.
2
1
9
8
.
6
1
9
6
.
8
4
6
.
0
0
0
.
5
45°
45°
L
.388
[9.85]
.376
[9.55]
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com