Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 5Page - TE Connectivity Ltd 926850-2 Datasheet HTML 6Page - TE Connectivity Ltd 926850-2 Datasheet HTML 7Page - TE Connectivity Ltd 926850-2 Datasheet HTML 8Page - TE Connectivity Ltd 926850-2 Datasheet HTML 9Page - TE Connectivity Ltd 926850-2 Datasheet HTML 10Page - TE Connectivity Ltd 926850-2 Datasheet HTML 11Page - TE Connectivity Ltd 926850-2 Datasheet HTML 12Page - TE Connectivity Ltd 926850-2 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
5
Strip
Part Number*
Type
A
300 Box
Standard IDC
Non-Locking
Poke-In MKI
969082-1
926850-2
926851-2
926852-2
928770-2
1-928771-4
1 Two magnet wires may be terminated in the same terminal slot if diameters are equal.
2 Single magnet wire only; 22 AWG [0.64 mm] or larger unless otherwise noted.
3 See page 7 for mating tab options.
* Recognized under the Component Program of Underwriters Laboratories, Inc.
B
300 Box
Standard IDC
Non-Locking
Poke-In MKII
964337-2
964338-2
964339-2
964340-2
Copper Magnet Wire Range
AWG
mm
1
35-32
0.14-0.20
33-30
0.18-0.265
30-26
0.265-0.40
26-21.52
0.40-0.67
21.5-18.52
0.67-0.95
19.5-172
0.91-1.13
33-30
0.18-0.265
30-26
0.265-0.40
2
26-22
0.40-0.63
2
22-19.5
0.63-0.85
2
19.5-17
0.85-1.12
3
Mating Tab
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
.135 x .020
3.40 x 0.50
Stock
Thickness
.010
0.25
.010
0.25
.013
0.32
.016
0.41
.016
0.41
.016
0.41
.013
0.32
.013
0.32
.013
0.32
.013
0.32
.013
0.32
964341-2
C
433 Box
Standard IDC
with Receptacle
for Tabs
.110 x .020
[2.8 mm x 0.5 mm]
or .110 x .032
[2.8 mm x 0.8 mm]
D
433 Box
Standard IDC
with Receptacle
for Tabs
.187 x .020
[4.8 mm x 0.5 mm]
or .187 x .032
[4.8 mm x 0.8 mm]
AWG
mm
Copper Magnet Wire Range1
Stock
Thickness
Strip
Part Number
e
r
u
t
a
e
F
e
p
y
T
33-30
0.18-0.265
w/o Dimple
Dimple
.013
0.32
1-964114-1
964114-1
30-26
0.265-0.40
w/o Dimple
Dimple
.013
0.32
1-964108-1
964108-1
26-22
0.40-0.63
w/o Dimple
Dimple
.013
0.32
1-928854-1
928854-1
0.63-0.85
w/o Dimple
Dimple
.013
0.32
1-964106-1
964106-1
22-19.52
.013
0.32
1
-
4
7
5
0
4
7
1
e
l
p
m
i
D
5
6
2
.
0
-
8
1
.
0
1
3
-
3
3
.013
0.32
1
-
2
5
2
4
6
9
e
l
p
m
i
D
o
/
w
7
5
.
0
-
0
4
.
0
3
2
-
6
2
.013
0.32
2
1
-
0
1
1
4
6
9
e
l
p
m
i
D
o
/
w
0
8
.
0
-
0
6
.
0
0
2
-
5
.
2
2
.013
0.32
2
1
-
1
1
1
4
6
9
e
l
p
m
i
D
o
/
w
3
1
.
1
-
0
9
.
0
7
1
-
9
1
.013
0.32
1
1
-
4
3
2
4
3
5
1
e
l
p
m
i
D
o
/
w
2
1
.
1
-
0
9
.
0
7
1
-
9
1
Standard MAG-MATE Terminals (Continued)
A
.300
[ 7.62 ]
.118
[ 3.00 ]
.135
[ 3.43 ]
B
C
D
.300
[ 7.62 ]
.118
[ 3.00 ]
.135
[ 3.43 ]
.135
[ 3.43 ]
.125
[ 3.20 ]
.433
[ 11.00 ]
.433
[ 11.00 ]
.125
[ 3.20 ]
.135
[ 3.43 ]
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com