Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 43 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 43 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 39Page - TE Connectivity Ltd 926850-2 Datasheet HTML 40Page - TE Connectivity Ltd 926850-2 Datasheet HTML 41Page - TE Connectivity Ltd 926850-2 Datasheet HTML 42Page - TE Connectivity Ltd 926850-2 Datasheet HTML 43Page - TE Connectivity Ltd 926850-2 Datasheet HTML 44Page - TE Connectivity Ltd 926850-2 Datasheet HTML 45Page - TE Connectivity Ltd 926850-2 Datasheet HTML 46Page - TE Connectivity Ltd 926850-2 Datasheet HTML 47Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
39
B
L
C
L
A
L
110 Series (2.8 mm wide)
FASTON Tab Terminals
Material
Brass
Type
Recommended
Pocket8
Copper Magnet Wire Range
AWG
mm
L
Dim.
Thickness
Part Number
Loose
A
Single Barb
B
Single Barb
Low Transition
C
Multi-Barb
1601425
1601431
1601425
18-34
27-36
18-34
18-34
1.02-0.16
1.02-0.16
1.02-0.16
0.36-0.13
.020
0.51
.020
0.51
.020
0.51
.020
0.51
.020
0.51
.032
0.81
.032
0.81
.020
0.51
.020
0.51
.032
0.81
.032
0.81
.032
0.81
1.240
31.50
1.240
31.50
.630
15.99
.655
16.63
.655
16.63
1.195
30.35
.945
24.00
.925
23.50
.846
21.49
.846
21.49
.640
16.26
.640
16.26
1 Reverse Reeled-Consult TE drawing for orientation.
2 Loose Piece Single.
3 Finish is Post Plated Tin over Nickel (Consult TE drawing for specifics).
4 Finish is Post Plated Tin (Consult TE drawing for specifics).
5 Finish is Pre-Plated Tin over Copper (Consult TE drawing for specifics).
6 Finish is Pre-Plated Tin (Consult TE drawing for specifics).
7 No hole in Tab.
8 Magnet wire 30 AWG [0.25] and smaller also requires a wrap post per Specification 1601447.
Reeled
1601005-1
1601045-1
1601073-1
1601039-1
1601133-26,7
2-1601133-21,6,7
1601112-26,7
2-1601112-21,6,7
1601064-17
2-1601064-11,7
1601039-26
2-1601039-21,6
2-1601039-11
1601194-23,7
2-1601194-21,3,7
1601097-36,7
2-1601097-31,6,7
2-1601073-11
1601059-17
2-1601059-11,7
2-1601045-11
1601204-26,7
2-1601204-21,6,7
2-1601005-11
4-1601005-12
4-1601204-22,6,7
4-1601045-12
4-1601059-12,7
4-1601073-12
4-1601097-32,6,7
4-1601194-22,3,7
4-1601039-12
4-1601039-22,6
4-1601064-12,7
4-1601112-22,6,7
4-1601133-22,6,7
SIAMEZE Terminals (Continued)
.146
[ 3.71 ]
.146
[ 3.71 ]
.020
[ 0.51 ]
.020
[ 0.51 ]
.146
[ 3.71 ]
.020
[ 0.51 ]
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com