Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 9Page - TE Connectivity Ltd 926850-2 Datasheet HTML 10Page - TE Connectivity Ltd 926850-2 Datasheet HTML 11Page - TE Connectivity Ltd 926850-2 Datasheet HTML 12Page - TE Connectivity Ltd 926850-2 Datasheet HTML 13Page - TE Connectivity Ltd 926850-2 Datasheet HTML 14Page - TE Connectivity Ltd 926850-2 Datasheet HTML 15Page - TE Connectivity Ltd 926850-2 Datasheet HTML 16Page - TE Connectivity Ltd 926850-2 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
9
Standard MAG-MATE Terminals (Continued)
300 Box Poke-In Terminals
Material
Tin plated brass
.300 [7.62] Series Box
Typical Cavity Size 2
(See page 23)
Note:
C
Tab Receptacle Terminals
Material
Tin plated phos. bronze
Note:
Stock
Thickness
Strip
Part Number
Mating Tab
Copper Magnet Wire Range
AWG
mm
1
Type
C
185 Box
Standard IDC
Tab Receptacle
32-31
0.20-0.23
.070 x .020
1.78 x 0.51
.010
0.25
1217538-1
30-28
0.25-0.32
.070 x .020
1.78 x 0.51
.010
0.25
1217457-1
29-28
0.29-0.32
.070 x .020
1.78 x 0.51
.010
0.25
1217458-1
28-27
0.32-0.36
.070 x .020
1.78 x 0.51
.010
0.25
1742781-1
1 Two magnet wires may be terminated in the same slot if diameters are equal.
.345
[8.76]
.185
[4.70]
.110
[2.79]
.070
[1.78]
Special cavity required.
Contact TE Engineering for
details.
Special cavity required for
Tri-slot splice terminal.
See application
SPEC 114-2046
B
A
A
300 Box
Standard IDC
Splice
B
300 Box
Standard IDC
Tri-Slot
Splice
1
-
3
7
9
7
1
2
1
0
2
-
2
2
.016
0.41
0.64-0.81
27-23
0.36-0.57
4
18
0.8-0.9
2
19-17
0.91-1.15
3
25-22
0.45-0.64
4
18
0.8-0.9
2
23.5-20
0.54-0.81
.016
0.41
.016
0.41
19-17
0.91-1.15
.020
0.51
28-24
0.32-0.51
.016
0.41
1217858-1
1742159-14
23-202
0.57-0.81
.016
0.41
1217853-1
1217613-1
1217209-1
Stock
Thickness
Strip
Part Number
Copper Magnet Wire Range
AWG
mm
1
Type
1 Two magnet wires may be terminated in the same terminal slot if diameters are equal.
2 Single magnet wire only; 22 AWG [0.64 mm] or larger.
3 Single solid or fused stranded lead wire only.
4 Special cavity required for 1742159-1.
.300
[ 7.62 ]
.120
[ 3.05 ]
.455
[ 11.56 ]
.120
[ 3.05 ]
.135
[ 3.43 ]
.300
[ 7.62 ]
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com