| Electronic Components Datasheet Search |
|
926850-2 Datasheet(PDF) 36 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
926850-2 Datasheet(HTML) 36 Page - TE Connectivity Ltd |
|
36 / 102 page ![]() 32 R Product Facts Terminates all copper magnet wire film insulations Eliminates need for pre-stripping conductors Moving Beam contact design connects a wide range of magnet wire sizes with a single terminal Standard range terminals connect 34-18 AWG [0.16-1.0 mm] magnet wire Fine range terminals connect 36-27 AWG [0.13-0.38 mm] magnet wire Medium range terminals connect 23-12 AWG [0.56-2.03 mm] magnet wire Excess magnet wire is automatically trimmed during the termination process Available in strip form for semi-automatic or fully automatic insertions Loose piece terminals available for manual tool insertions High-speed automatic coil winding machine termina- tions provide uniform reliability at the lowest possible applied cost Clean metal-to-metal interface produces stable, gas-tight electrical termina- tions free of oxides and other contaminants Recognized under the Component Program of Underwriters Laboratories Inc.,File No. E13288 Applications Motor windings and connections Coil connections Transformer windings and connections Ballasts Power supplies Solenoids Actuators TE offers a full selection of SIAMEZE insulation displacement (IDC) terminals for interconnect- ing copper magnet wires, lead wires, and other components. The SIAMEZE insulation displacement (IDC) terminal technology eliminates the need to strip the film insulation from copper magnet wires and lead wires. Terminals are available in wire-to-wire, Lead Lok, quick disconnect tabs, posts, pin and receptacle terminals. Available with either Moving Beam contacts whereby a single terminal connects toa very wide range of magnet wire sizes, or a Compliant Beam for contacting two magnet wires of the same diameter in one terminal for splicing or bi-filar applica- tions. Tab terminals are available with single barbs or multiple retention barbs for higher retention. According to TE specifica- tions SIAMEZE cavities are either integrated into coil bodies or specially designed cavity housings. The magnet wires are positioned in the “U”shaped slots. The SIAMEZE terminal Inserter cuts the terminals from the strip and places the terminals over the magnet wire into the plastic cavities. During this operation the small stripping devices penetrate the film insulation from the magnet wire. Residual spring energy in the terminal causes the side walls of the IDC slot to function as opposing cantilever beams. This constant pressure results in an intimate metal-to-metal interface, providing a reliable, long-term connection. The wiping action between the wire and terminals remove all oxides or other contaminants present on both the conductor and the terminal slot side walls, producing a clean, stable, gas-tight electrical termination. The SIAMEZE terminal Inserter may be used as a semi-automatic bench machine or integrated in production lines for fully-automatic applica- tions. SIAMEZE Terminals Magnet Wire Terminals and Termination Systems Catalog 82221 www.te.com/appliances |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |