Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 26 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 26 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 22Page - TE Connectivity Ltd 926850-2 Datasheet HTML 23Page - TE Connectivity Ltd 926850-2 Datasheet HTML 24Page - TE Connectivity Ltd 926850-2 Datasheet HTML 25Page - TE Connectivity Ltd 926850-2 Datasheet HTML 26Page - TE Connectivity Ltd 926850-2 Datasheet HTML 27Page - TE Connectivity Ltd 926850-2 Datasheet HTML 28Page - TE Connectivity Ltd 926850-2 Datasheet HTML 29Page - TE Connectivity Ltd 926850-2 Datasheet HTML 30Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
22
B
A
250 Series
FASTON Tab Terminals
(Continued)
Material
Tin plated brass
Typical Cavity Size
(See page 23)
Type A—Cavity Size 4
Type B—Cavity Size 4
Type
AWG
mm
1
Copper Magnet
Wire Range
Dim.
L
Tab
Feature
Tab Size
Mag. Wire
Section
Tab
Section
Stock Thickness
Strip
Part Number
3
A
500 Box
Standard IDC
Wide Neck
3
B
500 Box
Standard IDC
Narrow Neck
2
14-13
1.61-1.83 .952
24.18
2
12
2.05
.952
24.18
Dimple
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63425-1
2
14-13
1.61-1.83 .952
24.18
Dimple
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63465-1
16-15
1.29-1.45 .952
24.18
Dimple
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63064-1
19-17
0.91-1.15 .952
24.18
Dimple
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
62923-1
22-20
0.64-0.81 .952
24.18
Hole
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63495-1
19-17
0.91-1.15 .952
24.18
Hole
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63464-3
16-15
1.29-1.45 .952
24.18
Hole
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63459-2
22-20
0.64-0.81 .952
24.18
Dimple
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63155-1
Dimple
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63460-1
Hole
.250 x .032
6.35 x 0.81
.032
0.81
.020
0.51
63816-1
1 Two magnet wires may be terminated in the same terminal slot if diameters are equal.
2 Single magnet wire only.
3 After insertion into plastic holder, tab portion must be bent over 45°-90° or potted in to prevent pullout when mating
receptacle is disconnected.
Standard MAG-MATE Terminals (Continued)
L
L
.120
[ 3.05 ]
.280
[ 7.11 ]
.500
[ 12.7 ]
.500
[ 12.7 ]
.120
[ 3.05 ]
.280
[ 7.11 ]
Hole or
Dimple
Hole or
Dimple
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com