Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 2Page - TE Connectivity Ltd 926850-2 Datasheet HTML 3Page - TE Connectivity Ltd 926850-2 Datasheet HTML 4Page - TE Connectivity Ltd 926850-2 Datasheet HTML 5Page - TE Connectivity Ltd 926850-2 Datasheet HTML 6Page - TE Connectivity Ltd 926850-2 Datasheet HTML 7Page - TE Connectivity Ltd 926850-2 Datasheet HTML 8Page - TE Connectivity Ltd 926850-2 Datasheet HTML 9Page - TE Connectivity Ltd 926850-2 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
2
A
B
C
11
11
Standard MAG-MATE Terminals (Continued)
Standard MAG-MATE
Interconnection System
How the System Operates
Trim Blade
This part cuts off the excess
magnet wire and the wire
support at the front of the
cavity.
Insertion Finger
The insertion finger is part of
the MAG-MATE Inserter. It
pushes the terminal that was
sheared from the carrier
strip through the inserter
“tube” into the positioned
cavity.
Contact
Various wire attachments in
three different sizes,.187,
.300,.500 cavity height (see
tables).
IDC Slot
In different sizes for magnet
wire diameters from 34-12
AWG [0.16-2.05 mm]. Strain
relief slots available for high
vibration applications.
Stripping Shoulders
During the insertion process,
these shoulders strip the film
insulation from the magnet
wire in four areas.
Locking Barbs
Terminal retention is secured
in the cavity by four locking
barbs.
Plastic Cavity
Integration of plastic cavities
into final unit must be in
accordance with TE
Application Specifications.
Consulting TE
is required for design in.
Cavity Slot for Wire
The width has to be in
accordance with the wire
size (see Application Specifi-
cation).
Magnet Wire
The magnet wire is
positioned down into the
plastic cavity slots.
Wire Support Block
The block supports the
magnet wire during the
cutting process. The magnet
wire is cut flush to the cavity
front side.
Support Anvil
The anvil supports the wire
during the insertion
process.
Termination Sequence
A = Prepare
B = Insert
C = Finish
Trim Blade
Insertion Finger
Poke-In Contact
Plastic Cavity
Magnet Wire
Support Anvil
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com