Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

926850-2 Datasheet(PDF) 66 Page - TE Connectivity Ltd

Part # 926850-2
Description  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 Datasheet(HTML) 66 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 62Page - TE Connectivity Ltd 926850-2 Datasheet HTML 63Page - TE Connectivity Ltd 926850-2 Datasheet HTML 64Page - TE Connectivity Ltd 926850-2 Datasheet HTML 65Page - TE Connectivity Ltd 926850-2 Datasheet HTML 66Page - TE Connectivity Ltd 926850-2 Datasheet HTML 67Page - TE Connectivity Ltd 926850-2 Datasheet HTML 68Page - TE Connectivity Ltd 926850-2 Datasheet HTML 69Page - TE Connectivity Ltd 926850-2 Datasheet HTML 70Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 102 page
background image
62
MTM Crimpband Splices
Product Facts
Made from a continuous coil
of ribbon connector
material
Magnet wires MTM
Crimpband splices have
machine-piercing serrations
designed for displacing
magnet wire insulation.
Available in brass, tin-
plated brass, and copper-
nickel alloy material
Make parallel or pigtail
connections on same
machine
100% of Crimpband
material is used in scrap
free terminations
Crimpband material coupled
with appropriate toolsets
accommodate specific
CMA ranges
Produced in TE
equipment on your
production floor
Meets UL 486C crimp
tensile requirements
TE features the MTM
Crimpband system that is
comprised of two key
features: the semi-
automatic termination
machine and a reel of MTM
Crimpband material.
In a one-step crimping
operation, the machine
feeds, cuts, forms and
crimps the material to
provide a low-cost, high
reliability crimp connection.
The MTM Crimpband
splices are formed during
the crimping process from
machined longitudinal
grooved material that pierces
magnet wire varnish film
insulation during crimping.
MTM Crimpband splices
are specifically designed to
terminate magnet wire to
itself or in combination with
standard solid or stranded
lead wire.
Three magnet wires
maximum can be
terminated together with
stranded lead wire in one
splice.
TE provides a wide range of
toolset types and Crimpband
splices to meet various
production requirements.
Depending on your
specific application, MTM
Crimpband splices are
available in 7, 9, 11 and 13
serration versions for
terminations in the 400 to
13,000 CMA range.
When aluminum magnet wire
is used, MTM Crimpband
splices must be tin plated.
Applications
Motors windings and
connections
Coil connections
Transformer windings and
connections
Lighting ballasts
Power supplies
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances
Cut
Formed
Crimped
This product line is not recommended for new designs,
as the application machines are no longer manufactured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com