Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 12Page - STMicroelectronics STA8135G Datasheet HTML 13Page - STMicroelectronics STA8135G Datasheet HTML 14Page - STMicroelectronics STA8135G Datasheet HTML 15Page - STMicroelectronics STA8135G Datasheet HTML 16Page - STMicroelectronics STA8135G Datasheet HTML 17Page - STMicroelectronics STA8135G Datasheet HTML 18Page - STMicroelectronics STA8135G Datasheet HTML 19Page - STMicroelectronics STA8135G Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Symbol
I/O voltage
I/O
Description
Ball
Reset state
SFC_SIO5
IO ring1
I/O
Serial flash memory controller data IO 5
M2
Hi-Z/PD
SFC_SIO6
IO ring1
I/O
Serial flash memory controller data IO 6
T4
Hi-Z/PD
SFC_SIO7
IO ring1
I/O
Serial flash memory controller data IO 7
P1
Hi-Z/PD
Note:
These interface IOs are alternate functions A of GPIOs.
3.9
SSP
STA8135G has one synchronous serial ports (SSPs). The SSP is a master or slave interface that enables
synchronous serial communication with slave or master peripherals having one of the following:
•
Serial peripheral interface bus standards
•
Synchronous serial protocol bus standards
•
Micro-wire interface bus standards
•
Unidirectional interface
In both master and slave configurations, the SSP has the following features:
•
Parallel-to-serial conversion on data written to an internal 32-bit wide, 32-location deep transmit FIFO
•
Serial-to-parallel conversion on received data, buffering it in a 32-bit wide, 32-location deep receive FIFO
•
Programmable data frame size from 4 to 32 bits
•
Programmable clock bit rate and pre-scaler
•
Programmable clock phase and polarity in SPI mode
•
Support for direct memory access (DMA)
3.10
UART
The UARTx performs serial-to-parallel conversion on data asynchronously received from a peripheral device on
UARTx_RX pin, and parallel-to-serial conversion on data written by CPU for transmission on UARTx_TX pin. The
transmit and receive paths are buffered with internal FIFO memories allowing up to 64 data byte for transmission,
and 64 data byte with 4-bit status (break, frame, parity, and overrun) to receive. FIFOs may be burst-loaded or
emptied by the system processor or DMA, from one to sixteen words per transfer.
3.11
Watchdog timer (WDT)
Watchdog timer (WDT) provides a way of recovering from software crashes. The watchdog clock is used to
generate a regular interrupt (Irq_wdt), depending on a programmed value.
The watchdog monitors the interrupt and asserts a reset signal (WDOGRES) if the interrupt remains unserviced
for the entire programmed period. The WDT is counting down at a fixed frequency of 32.768 kHz.
The watchdog timer peripheral can be used as free-running timer or as watchdog to resolve processor
malfunctions due to hardware or software failures.
Feature set overview:
•
16-bit down counter
•
8-bit clock pre-scaler
•
Safe reload sequence
•
Free-running timer mode
•
End of counting interrupt generation
STA8135G
General description
DS14788 - Rev 1
page 16/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com