Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 24Page - STMicroelectronics STA8135G Datasheet HTML 25Page - STMicroelectronics STA8135G Datasheet HTML 26Page - STMicroelectronics STA8135G Datasheet HTML 27Page - STMicroelectronics STA8135G Datasheet HTML 28Page - STMicroelectronics STA8135G Datasheet HTML 29Page - STMicroelectronics STA8135G Datasheet HTML 30Page - STMicroelectronics STA8135G Datasheet HTML 31Page - STMicroelectronics STA8135G Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
The following table provides the oscillator amplifier specifications.
Table 24. Oscillator amplifier specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
TS
Startup time(1)
0.3
0.6
s
DL
Drive level(1)
-
< 0.1
μW
RLC
Required load capacitance(1)
12.5
pF
GO
Startup conductance
22.5
33.6
60
μA/V
1. Specified by design, not tested in production.
Figure 6. 32.768 kHz crystal connection
To drive the 32.768 kHz crystal pins from an external clock source:
•
Disable the oscillator (bit28-OSCI_EN = 0b in PRCC_BACKUP_REG0 register). This disables the internal
inverter, thus reducing the power consumption to minimum.
•
Drive the RTC_XTI pin with a square signal or a sine wave.
Table 25. Characteristics of external slow clock input
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJIT (CC)
Cycle-to-cycle jitter
-70
70
ps
TJIT (per)
Period jitter
-70
70
ps
-
Variation
-500
500
ppm
TDUTY
Duty cycle
45
55
%
STA8135G
Electrical specifications
DS14788 - Rev 1
page 28/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com