Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 31Page - STMicroelectronics STA8135G Datasheet HTML 32Page - STMicroelectronics STA8135G Datasheet HTML 33Page - STMicroelectronics STA8135G Datasheet HTML 34Page - STMicroelectronics STA8135G Datasheet HTML 35Page - STMicroelectronics STA8135G Datasheet HTML 36Page - STMicroelectronics STA8135G Datasheet HTML 37Page - STMicroelectronics STA8135G Datasheet HTML 38Page - STMicroelectronics STA8135G Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Table 35. TFBGA160 (7x11x1.2 mm) package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
A(1)
-
-
1.20
A1
0.20
-
-
A2
-
0.27
-
A4
-
0.585
-
b(2)
0.30
0.35
0.40
D
6.85
7.00
7.15
D1
-
5.85
-
E
10.85
11.00
11.15
E1
-
9.75
-
e
-
0.65
-
Z (along X axis)
-
0.575
-
z (along Y axis)
-
0.625
-
ddd
-
-
0.10
eee(3)
-
-
0.15
fff(4)
-
-
0.08
1. TFBGA stands for Thin Profile Fine Pitch Ball Grid Array.
•
Thin Profile: The total profile height (Dim A) is measured from the seating plane to the top of the component.
•
The maximum total package height is calculated by the following methodology:
A Max. = A1 Typ + A3 Typ + A4 Typ + √ (A1²+A3²+A4² tolerance values).
•
Thin profile: 1.00 mm < A ≤ 1.20 mm / Fine pitch: e < 1.00 mm pitch.
2. The typical ball diameter before mounting is 0.35 mm.
3. The tolerance of position that controls the location of the pattern of balls with respect to datums A and B. For each ball there
is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with respect to datums A and B as
defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
4. The tolerance of position that controls the location of the balls within the matrix with respect to each other. For each ball
there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone. Each tolerance zone fff in the array is contained
entirely in the respective zone eee above The axis of each ball must lie simultaneously in both tolerance zones.
STA8135G
Package information
DS14788 - Rev 1
page 35/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com