Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 4 Page - STMicroelectronics

  STA8135G Datasheet HTML 1Page - STMicroelectronics STA8135G Datasheet HTML 2Page - STMicroelectronics STA8135G Datasheet HTML 3Page - STMicroelectronics STA8135G Datasheet HTML 4Page - STMicroelectronics STA8135G Datasheet HTML 5Page - STMicroelectronics STA8135G Datasheet HTML 6Page - STMicroelectronics STA8135G Datasheet HTML 7Page - STMicroelectronics STA8135G Datasheet HTML 8Page - STMicroelectronics STA8135G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
2
Block diagram and pin description
2.1
Block diagram
Figure 1. STA8135G block diagram
GNSS
CPU
EMI
Connectivity
PMU
Always on Domain
G5 RFIP
System
G5 Base Band
Antenna Sensing
DMA
Interrupt Control
Watchdog
Timers
Boot
UART x 3
GPIO
Serial Flash SFC
LDO Core
LDO RF
LDO Backup
Bandgap, Bias,
High-Low Voltage
Detectors
256 byte Backup RAM
Real Time Clock
32kHz Oscillator
Power, Reset, Clock
Controller
ARM Cortex M7
TCM RAM
Multi Mode SPI
Dual Band
External RF Port
I2C
Synch Serial Port
USB
Security
Secure Core
OTFDEC
OTP SAFMEM
2x 10bit ADC
eRAM
256kByte
Temp Sense
LDO 3.3V to 1.8V
SDMMC
CAN x 2
Hyperbus
2.2
Package
TFBGA160 balls with 7x11x1.2 mm body size and 0.65 mm ball pitch.
2.3
Ball list
Note:
All balls have alternate functionalities, which can be selected by relevant registers.
Table 1. Power supply pins
Symbol
I/O voltage
I/O
Description
Ball
VRF_IN
1.62 to 3.6 V PWR LDO RF power input - IO ring RF
M10
VRF_OUT
1.2 V
PWR LDO RF power output
N10
VCC_LNA
1.2 V
PWR LNA power input
T10
VCC_PLL
1.2 V
PWR RF VCC power input
T8
VBK_IN(1)
1.62 to 3.6 V PWR LDO backup power input - IO ring 0
R6
VBK_OUT
1.2 V
PWR LDO backup power output
N5
VCORE_IN
1.62 to 3.6 V PWR LDO core power input
F3, P3
VDD_EXT_REG
1.2 V
PWR LDO core power output
F1, N4, N7, R2, R3
VIO2_IN
3 to 3.6 V
PWR LDO IO ring 2 power input - IO ring 2
G1, H1, J10
VIO1_EXT
1.72 to 1.98 V
or
3 to 3.6 V
PWR LDO IO ring 1 power output or IO ring 1 input
M3, N3, P2, T2
STA8135G
Block diagram and pin description
DS14788 - Rev 1
page 4/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com