Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 23Page - STMicroelectronics STA8135G Datasheet HTML 24Page - STMicroelectronics STA8135G Datasheet HTML 25Page - STMicroelectronics STA8135G Datasheet HTML 26Page - STMicroelectronics STA8135G Datasheet HTML 27Page - STMicroelectronics STA8135G Datasheet HTML 28Page - STMicroelectronics STA8135G Datasheet HTML 29Page - STMicroelectronics STA8135G Datasheet HTML 30Page - STMicroelectronics STA8135G Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Figure 5. Power-up strategy
4.5
RTC32.768 kHz oscillator specifications
The 32.768 kHz OSCI32 oscillator is connected between RTC_XTI (oscillator amplifier input) and RTC_XTO
(oscillator amplifier output). It also requires two external capacitors of 18 pF (using crystal with recommended
characteristics as per Table 23) as shown in the Figure 6.
The recommended oscillator specifications are shown in the table below:
Table 23. Crystal recommended specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
FSXTAL
Crystal frequency
32.768
kHz
LMSXTAL
Motion inductance(1)
3500
5
6500
kHz
CMSXTAL
Motional capacitance(1)
4.0
5.0
6.0
fF
COSXTAL
Shunt capacitance(1)
1.0
1.3
1.6
pF
ESR
Resonance resistance(1)
80
kΩ
CL
External load capacitance
18 ±2%
pF
1. Specified by design, not tested in production.
STA8135G
Electrical specifications
DS14788 - Rev 1
page 27/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com