Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 20Page - STMicroelectronics STA8135G Datasheet HTML 21Page - STMicroelectronics STA8135G Datasheet HTML 22Page - STMicroelectronics STA8135G Datasheet HTML 23Page - STMicroelectronics STA8135G Datasheet HTML 24Page - STMicroelectronics STA8135G Datasheet HTML 25Page - STMicroelectronics STA8135G Datasheet HTML 26Page - STMicroelectronics STA8135G Datasheet HTML 27Page - STMicroelectronics STA8135G Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
4.2.3
Typical values
Unless otherwise specified, typical data are based on Tamb = 25 °C, LDO_IN_3V3_1V8_0 = LDOS_VCC_0 = 3.3
V, LDO_RF_OUT_1V1_0 = LDO_1V1_OUT_0 = 1.1 V and LDO_1V8_OUT_0 = 1.8 V.
Table 21. Electrical characteristics (TJ = 25 °C unless otherwise noted)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Supply
VCC_RF
Voltage supply for LDO_RF
3.0
3.3
3.6
V
VCC_IO
Voltage supply for IO, LDO_1V8 and
LDO_DIG
3.0
3.3
3.6
V
ICCRF
Analog blocks current consumption
All blocks ON
17
28
39
mA
ICCIO
Digital and IO current consumption
It depends on IO activity
0.5
33
mA
ICC_STBY Stand-by power consumption.
All blocks OFF, only VCC_RF and
VCC_IO supplied
4
6
μA
Voltage regulator
LDO_RF
Regulator output voltage
1.0
1.1
1.2
V
LDO_DIG Regulator output voltage
1.0
1.1
1.2
V
LDO_1V8 Regulator output voltage
1.62
1.8
1.98
V
LNA
Gp
Power gain
L1
10.5
17
24
dB
L2 - L5 - L band
10.5
18
25
NF
Noise figure(1)
L1
1.7
dB
L2 - L5 - L band
1.7
P1dB
Input compression point
-15
dBm
RFA - MIXER - IF FILTER - VGA
GpRFA
RFA voltage gain(1)
Max gain
20
dB
Min gain
0
dB
GC
Conversion gain
(from RFAin to ADC input)
VGA and RFA at max gain
60
82
90
dB
VGA and RFA at min gain
12
26
38
ΔVGA
VGA dynamic range
35
48
60
dB
P_1dB
RF-IF-VGA input
Compression point
In band
RFA max VGA max
-105
dBm
In band
RFA max VGA min
-55
dBm
NFRF-IF
RF-IF-VGA noise figure(1)
VGA and RFA at max gain in L1-L2-
L5 band
5
dB
BW
-1dB high freq corner IF filter
Set corner #1
13
MHz
ATT
Aliasing frequency rejection
F = 52 MHz (corner #1)
20
dB
Cristal oscillator - Fractional synthesizer - VCO
FTCXO
TCXO frequency
26
MHz
PTCXO_IN Reference input signal sensitivity
TCXO_IN pin DC blocked requested.
-20
dBm
RDIV
Reference divider range
1
63
NDIV
Loop divider range
56
2047
Frac
PLL fractionality
18
bit
STA8135G
Electrical specifications
DS14788 - Rev 1
page 24/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com