Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 14Page - STMicroelectronics STA8135G Datasheet HTML 15Page - STMicroelectronics STA8135G Datasheet HTML 16Page - STMicroelectronics STA8135G Datasheet HTML 17Page - STMicroelectronics STA8135G Datasheet HTML 18Page - STMicroelectronics STA8135G Datasheet HTML 19Page - STMicroelectronics STA8135G Datasheet HTML 20Page - STMicroelectronics STA8135G Datasheet HTML 21Page - STMicroelectronics STA8135G Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
3.16
Direct memory access (DMA)
The DMAC is an advanced microcontroller bus architecture (AMBA) compliant to System-on-Chip (SoC)
peripheral. The DMAC is an AMBA AHB module, and connects to the advanced high-performance bus (AHB).
Module key features:
•
Eight DMA channels. Each channel can support an unidirectional transfer.
•
The DMAC provides 32 peripheral DMA request lines.
•
Single DMA and burst DMA request signals.
•
Memory-to-memory, memory-to-peripheral, peripheral-to-memory, and peripheral-to-peripheral transfers.
•
Scatter or gather DMA support through the use of linked lists.
•
Hardware DMA channel priority. DMA channel 0 has the highest priority and channel 31 has the lowest
priority.
•
If requests from two channels become active at the same time, the channel with the highest priority is
serviced first.
•
AHB slave DMA programming interface to the DMA control registers.
•
Two AHB bus masters for transferring data.
•
Programmable DMA burst size.
•
Working on AHB clock.
3.17
Temperature sensor
Temperature measurement range is -40 to 85 °C. It uses integrated bandgap reference and 8-bit ADC.
The temperature sensor provides two threshold registers. Writing in these registers and enabling the threshold
mode compare the temperature recorded with the threshold value. If the temperature is higher than the upper
threshold register or lower than the lower threshold register, it generates an interrupt if enabled.
Table 11. Temperature sensor
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Tsens
Sensitivity
-
-
-
1
°C
Tacc(1)
Accuracy
Calibration performed at Ta = 85 °C °C
±3(2)
-
± 10
°C
1. Best accuracy is at calibrated temperature.
2. Limited by manufacturing calibration environment.
3.18
Serial boot pins
UART2-TX (Boot0) pin is used to select the boot configuration of Cortex® M7. The ROM code starts the boot
process which then polls the PRCC register (UART2-TX) which has already latched the UART2-TX pin (E2 ball)
status after latch reset.
Based on this register value the code is loaded from one of the two options as given in the table below:
Table 12. Boot peripheral selection
Pin
ROM action
UART2-TX = 0
Boot from flash memory - SFC controller
UART2-TX = 1
Boot from peripheral - UART
3.19
Reset
After a reset, the Cortex® M7 is woken-up by the ROM code.
The PRCC module is used to sequence through all the steps needed to properly reset the device and prepare it to
fetch the first instruction of the user application code.
STA8135G has the following reset options:
•
Pad reset: SoC will have active low chip reset (RESET) pad. Low (zero) status on this pad will keep device
in the reset. Assertion of this pin low should be minimum of 5 ms.
STA8135G
General description
DS14788 - Rev 1
page 18/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com