Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 25Page - STMicroelectronics STA8135G Datasheet HTML 26Page - STMicroelectronics STA8135G Datasheet HTML 27Page - STMicroelectronics STA8135G Datasheet HTML 28Page - STMicroelectronics STA8135G Datasheet HTML 29Page - STMicroelectronics STA8135G Datasheet HTML 30Page - STMicroelectronics STA8135G Datasheet HTML 31Page - STMicroelectronics STA8135G Datasheet HTML 32Page - STMicroelectronics STA8135G Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
4.6
Power up timing sequence
Figure 7. Power up timing diagram
VBK_IN
VCORE/VDD_EXT_REG
Other supplies
RESETn
On-chip ring osc
tRiOscVCOREIN_On
tVCOREIN_On
tVSupply_On
tRESETn
tRiOscRESETn
Table 26. Power up timing data
Symbol
Condition
Min. Max. Unit
Comment
tVCORE_IN_On
VBK_IN > 1.62 V
0 (1)
-
ms
Time from the power-on of VBK_IN to the power-on of
VCORE_IN or
VDD_EXT_REG
tVSupply_On
VBK_IN > 1.62 V
0 (2)
-
ms
Time from the power-on of VBK_IN to the power-on of other
supplies
tRESETn
VBK_IN > 1.62 V
4
-
ms Time from the power-on of VBK_IN to RESETn going high
tRiOscRESETn
VCORE_IN > 1.62 V or
VDD_EXT_REG > 1.14 V
0.5
-
ms
Time from RESETn going high to the on-chip ring oscillator
start up
tRiOscVCOREIN_On RESETn = high
0.5
-
ms
Time from VCORE or VDD_EXT_REG applied to the on-
chip ring oscillator start up
1. The simultaneous power-on of VBK_IN and VCORE_IN or VDD_EXT_REG is allowed and tested.
2. The simultaneous power-on of VBK_IN and other supplies is allowed and tested
4.7
Digital interface AC timing characteristics
Figure 8. Clock block diagram
1
2
3
TOdly
TIS
TIH
CLK period
STA8135G
Electrical specifications
DS14788 - Rev 1
page 29/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com