Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 18Page - STMicroelectronics STA8135G Datasheet HTML 19Page - STMicroelectronics STA8135G Datasheet HTML 20Page - STMicroelectronics STA8135G Datasheet HTML 21Page - STMicroelectronics STA8135G Datasheet HTML 22Page - STMicroelectronics STA8135G Datasheet HTML 23Page - STMicroelectronics STA8135G Datasheet HTML 24Page - STMicroelectronics STA8135G Datasheet HTML 25Page - STMicroelectronics STA8135G Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Table 18. Current consumption
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
IBK_Normal
Current consumption at
VBK_IN in normal mode
VBK_IN = 3.3 V
1
mA
IBK_Standby
Current consumption at
VBK_IN in standby mode
VBK_IN = 3.3 V
TAMB = - 40 C°
45
μA
ICORE_Functio
nal_85
Current consumption at
VCORE_IN with ST
reference application design
running
VCORE_IN = 3.3
VEXT_REG_SEL = Low
Max. ambient temperature = 85 °C
300(1) mA
ICC_VRFIN
Current consumption at
VRF_IN
VRF_IN = 3.3 V
AllRF block ON, with VCC_LNA and
VCC_PLL connected to VRF_OUT on PCB.
Tamb = 25 °C
28
mA
ICC_VRFIN_off
Current consumption at
VRF_IN with G5RF in
standby (off)
VRF_IN = 3.3 VAll RF block OFF, with
VCC_LNA and VCC_PLL connected to
VRF_OUT on PCB.
Tamb = 25 °C
150
μA
1. Maximum current at VCORE is limited by maximum junction temperature at 125 °C (which depends on application printed
circuit board).
Table 19. RF Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
LNA
Gp
Power gain
L1 band
-
15
-
dB
L5 band
-
15
-
NF
Noise figure(1)
L1 band
-
2.5
-
dB
L5 band
-
2.5
-
LNA P_1dB Input compression point
-
-
-16
-
dBm
RFA - MIXER - IF FILTER - VGA
GpRFA
RFA voltage gain
Max gain
15
dB
Min gain
5
dB
GC
Conversion gain (from RFA in to ADC input)
VGA and RFA at max gain
90
dB
VGA and RFA at min gain
40
VGA
VGA dynamic range
50
dB
P_1dB
RF-IF-VGA input compression Point
In band
RFA max VGA max
-100
dBm
In band
RFA max VGA min
-50
NFRF-IF
RF-IF-VGA noise figure(1)
VGA and RFA at max gain in L1 - L5 - L
band
5
dB
BW
-1 dB high freq. corner IF filter
Set corner #1
13
MHz
ATT
Aliasing frequency rejection
F = 51 MHz (corner #1)
20
dB
STA8135G
Electrical specifications
DS14788 - Rev 1
page 22/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com