Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135G Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 26Page - STMicroelectronics STA8135G Datasheet HTML 27Page - STMicroelectronics STA8135G Datasheet HTML 28Page - STMicroelectronics STA8135G Datasheet HTML 29Page - STMicroelectronics STA8135G Datasheet HTML 30Page - STMicroelectronics STA8135G Datasheet HTML 31Page - STMicroelectronics STA8135G Datasheet HTML 32Page - STMicroelectronics STA8135G Datasheet HTML 33Page - STMicroelectronics STA8135G Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Table 27. Clock data
Symbol
Comment
CLK period
Clock time period
tOdly
Output data delay from rising clock edge, unless differently specified
tIS
Input data setup time to rising clock edge, unless differently specified
tIH
Input data hold time from rising clock edge, unless differently specified
4.7.1
SQIO
Table 28. SQIOSDR mode (feedback mode)
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
-
78.5
MHz
25 pF
-
CLK period
12.74
-
ns
-
-
CLK duty cycle
40
60
%
-
-
Input
TIS
0.5
-
ns
-
-
TIH
2.5
-
ns
-
-
Output
Todly
-2.5
2.4
ns
25 pF
-
Note:
Specified by design, not tested in production.
Table 29. SQIODTR mode (DQS mode for flash memory read operations)
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
-
65
MHz
25 pF
Flash memory clock frequency
CLK period
15.38
-
ns
-
-
CLK duty cycle
40
60
%
-
-
Input
TIS
0
-
ns
-
-
TIH
0
-
ns
-
Output
Todly
-1.25
1.8
ns
25 pF
-
Note:
Specified by design, not tested in production.
4.7.2
SPI
Table 30. SPI (controller mode)
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
-
19.625
MHz
25 pF
-
CLK period
50.95
-
ns
-
-
CLK duty cycle
40
60
%
-
-
Input
TIS
10
-
ns
-
-
TIH
2
-
ns
-
-
Output
Todly
2
10
ns
25 pF
-
Note:
Specified by design, not tested in production.
STA8135G
Electrical specifications
DS14788 - Rev 1
page 30/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com