Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 22 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151B Datasheet(HTML) 22 Page - Nisshinbo Micro Devices Inc.

Back Button RP112K151B Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
RP112x
No. EA-258-250325
22
Equivalent Series Resistance vs. Output Current
When using these ICs, consider the following points:
The relations between IOUT (Output Current) and ESR of an output capacitor are shown below.
The conditions when the white noise level is under 40 μV (Avg.) are marked as the hatched area in the graph.
Measurement Conditions
Frequency Band: 10 Hz to 2 MHz
Temperature: −40°C to 85°C
Hatched Area: Noise level is under 40 V (Avg.)
C1, C2: 1.0 F or more
RP112x12xx
RP112x28xx
RP112x40xx
0.01
0.1
1
10
100
1000
0
25
50
75
100
125
150
Output Current IOUT (mA)
VIN=2.0V to 5.25V
0.01
0.1
1
10
100
1000
0
25
50
75
100
125
150
Output Current IOUT (mA)
VIN=2.8V to 5.25V
0.01
0.1
1
10
100
1000
0
25
50
75
100
125
150
Output Current IOUT (mA)
VIN=4.0V to 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com