Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151B Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  RP112K151B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
RP112x
No. EA-258-250325
5
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN = 5.25 V (VOUT ≥ 4.1 V), VIN = Set VOUT + 1.0 V (1.5 V < VOUT < 4.1 V),
VIN = 2.5 V (VOUT ≤ 1.5 V), IOUT = 1 mA, CIN = COUT = 1.0 F
The specifications surrounded by
are guaranteed by design engineering at −40°C ≤ Ta ≤ 85°C.
RP112xxxxB/D Electrical Characteristics
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ. Max.
Unit
VOUT
Output Voltage
Ta = 25C
VOUT ≥ 2.0 V
x0.99
x1.01
V
VOUT < 2.0 V
−
20
+20
mV
−40C ≤ Ta ≤ 85C
VOUT ≥ 2.0 V x0.985
x1.015
V
VOUT < 2.0 V
−30
+30
mV
IOUT
Output Current
150
mA
VOUT/IOUT Load Regulation
1 mA ≤ IOUT ≤ 150 mA
−14
0
14
mV
VDIF
Dropout Voltage
IOUT = 150 mA
Please refer to
“Dropout Voltage”.
ISS
Supply Current
IOUT = 0 mA
VOUT ≥ 4.1 V
80
100
A
VOUT < 4.1 V
75
Istandby Standby Current
VCE = 0 V
0.1
1.0
A
VOUT/VIN Line Regulation
Set VOUT + 0.3 V ≤ VIN
≤ 5.25 V
VOUT ≥ 4.1 V
0.02
0.10
%/V
Set VOUT + 0.5 V ≤ VIN
≤ 5.0 V
1.7 V ≤ VOUT
< 4.1 V
2.2 V ≤ VIN ≤ 5.0 V
VOUT < 1.7 V
RR
Ripple Rejection
Ripple 0.2 Vp-p,
IOUT = 30 mA,
VIN = 5.25 V
(VOUT ≥ 4.1 V),
VIN = Set VOUT + 1.0 V
(VOUT < 4.1 V)
f = 1 kHz
80
dB
f = 10 kHz
75
f = 100 kHz
65
VIN
Input Voltage(1)
2.0
5.25
V
VOUT/Ta Output Voltage
Temperature Coefficient −40C ≤ Ta ≤ 85C
±30
ppm
/°C
ISC
Short Current Limit
VOUT = 0 V
40
mA
IPD
CE Pull-down Current
0.3
0.6
A
VCEH
CE Input Voltage "H"
1.0
V
VCEL
CE Input Voltage "L"
0.4
V
All test categories were tested on the products under the pulse load condition (Tj ≈ Ta = 25°C) except Output Noise, Ripple
Rejection, and Output Voltage Temperature Coefficient.
(1)
The maximum input voltage (Electrical Characteristics) is 5.25 V. If, for any reason the maximum input voltage exceeds
5.25 V, it has to be no more than 5.5 V with 500 hrs of the total operating time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com