Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 26 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151B Datasheet(HTML) 26 Page - Nisshinbo Micro Devices Inc.

Back Button RP112K151B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
PART MARKINGS
RP112K
Ver. B
ii
Part Marking List
RP112Kxx1B
RP112Kxx1D
Product Name
Product Name
RP112K121B
1A
RP112K121D
3A
RP112K121B5
1B
RP112K121D5
3B
RP112K131B
1C
RP112K131D
3
C
RP112K141B
1D
RP112K141D
3
D
RP112K151B
1E
RP112K151D
3E
RP112K161B
1F
RP112K161D
3F
RP112K171B
1G
RP112K171D
3G
RP112K181B
1H
RP112K181D
3
H
RP112K181B5
1J
RP112K181D5
3J
RP112K191B
1K
RP112K191D
3K
RP112K201B
1L
RP112K201D
3L
RP112K211B
1M
RP112K211D
3M
RP112K221B
1N
RP112K221D
3
N
RP112K231B
1P
RP112K231D
3P
RP112K241B
1Q
RP112K241D
3Q
RP112K251B
1R
RP112K251D
3
R
RP112K261B
1S
RP112K261D
3S
RP112K271B
1T
RP112K271D
3T
RP112K281B
1U
RP112K281D
3
U
RP112K281B5
1V
RP112K281D5
3V
RP112K291B
1W
RP112K291D
3W
RP112K301B
1X
RP112K301D
3X
RP112K311B
1Y
RP112K311D
3Y
RP112K321B
1Z
RP112K321D
3Z
RP112K331B
2A
RP112K331D
4A
RP112K341B
2B
RP112K341D
4B
RP112K351B
2C
RP112K351D
4
C
RP112K361B
2D
RP112K361D
4
D
RP112K371B
2E
RP112K371D
4E
RP112K381B
2F
RP112K381D
4F
RP112K391B
2G
RP112K391D
4G
RP112K401B
2H
RP112K401D
4
H
RP112K411B
2J
RP112K411D
4J
RP112K421B
2K
RP112K421D
4K
RP112K431B
2L
RP112K431D
4L
RP112K441B
2M
RP112K441D
4M
RP112K451B
2N
RP112K451D
4
N
RP112K461B
2P
RP112K461D
4P
RP112K471B
2Q
RP112K471D
4Q
RP112K481B
2R
RP112K481D
4
R
RP112K291D5
4S
RP112K311D5
4T
RP112K351B5
2
S
RP112K351D5
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com