Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 7 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151B Datasheet(HTML) 7 Page - Nisshinbo Micro Devices Inc.

Back Button RP112K151B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
RP112x
No. EA-258-250325
7
The specifications surrounded by
are guaranteed by design engineering at −40°C ≤ Ta ≤ 85°C.
Product-specific Electrical Characteristics
Product Name
VOUT
VDIF
Ta = 25°C
−40°C ≤ Ta ≤ 85°C
Ta = 25°C
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
RP112x12xx
1.180
1.20
1.220
1.170
1.20
1.230
0.39
0.80
RP112x12xx5
1.230
1.25
1.270
1.220
1.25
1.280
0.39
0.80
RP112x13xx
1.280
1.30
1.320
1.270
1.30
1.330
0.37
0.70
RP112x14xx
1.380
1.40
1.420
1.370
1.40
1.430
0.34
0.60
RP112x15xx
1.480
1.50
1.520
1.470
1.50
1.530
0.32
0.50
RP112x16xx
1.580
1.60
1.620
1.570
1.60
1.630
0.32
0.50
RP112x17xx
1.680
1.70
1.720
1.670
1.70
1.730
0.29
0.41
RP112x18xx
1.780
1.80
1.820
1.770
1.80
1.830
0.29
0.41
RP112x18xx5
1.830
1.85
1.870
1.820
1.85
1.880
0.29
0.41
RP112x19xx
1.880
1.90
1.920
1.870
1.90
1.930
0.29
0.41
RP112x20xx
1.980
2.00
2.020
1.970
2.00
2.030
0.25
0.36
RP112x21xx
2.079
2.10
2.121
2.069
2.10
2.132
0.25
0.36
RP112x22xx
2.178
2.20
2.222
2.167
2.20
2.233
0.25
0.36
RP112x23xx
2.277
2.30
2.323
2.266
2.30
2.335
0.25
0.36
RP112x24xx
2.376
2.40
2.424
2.364
2.40
2.436
0.25
0.36
RP112x25xx
2.475
2.50
2.525
2.463
2.50
2.538
0.22
0.31
RP112x26xx
2.574
2.60
2.626
2.561
2.60
2.639
0.22
0.31
RP112x27xx
2.673
2.70
2.727
2.660
2.70
2.741
0.22
0.31
RP112x28xx
2.772
2.80
2.828
2.758
2.80
2.842
0.20
0.28
RP112x28xx5
2.822
2.85
2.879
2.807
2.85
2.893
0.20
0.28
RP112x29xx
2.871
2.90
2.929
2.857
2.90
2.944
0.20
0.28
RP112x29xx5
2.921
2.95
2.980
2.906
2.95
2.994
0.20
0.28
RP112x30xx
2.970
3.00
3.030
2.955
3.00
3.045
0.20
0.28
RP112x31xx
3.069
3.10
3.131
3.054
3.10
3.147
0.20
0.28
RP112x31xx5
3.119
3.15
3.182
3.103
3.15
3.197
0.20
0.28
RP112x32xx
3.168
3.20
3.232
3.152
3.20
3.248
0.20
0.28
RP112x33xx
3.267
3.30
3.333
3.251
3.30
3.350
0.20
0.28
RP112x34xx
3.366
3.40
3.434
3.349
3.40
3.451
0.20
0.28
RP112x35xx
3.465
3.50
3.535
3.448
3.50
3.553
0.20
0.28
RP112K35xx5
3.515
3.55
3.586
3.497
3.55
3.603
0.20
0.28
RP112x36xx
3.564
3.60
3.636
3.546
3.60
3.654
0.20
0.28
RP112x37xx
3.663
3.70
3.737
3.645
3.70
3.756
0.20
0.28
RP112x38xx
3.762
3.80
3.838
3.743
3.80
3.857
0.20
0.28
RP112x39xx
3.861
3.90
3.939
3.842
3.90
3.959
0.20
0.28
RP112x40xx
3.960
4.00
4.040
3.940
4.00
4.060
0.20
0.28
RP112x41xx
4.059
4.10
4.141
4.039
4.10
4.162
0.20
0.28
RP112x42xx
4.158
4.20
4.242
4.137
4.20
4.263
0.20
0.28
RP112x43xx
4.257
4.30
4.343
4.236
4.30
4.365
0.20
0.28
RP112x44xx
4.356
4.40
4.444
4.334
4.40
4.466
0.20
0.28
RP112x45xx
4.455
4.50
4.545
4.433
4.50
4.568
0.20
0.28
RP112x46xx
4.554
4.60
4.646
4.531
4.60
4.669
0.20
0.28
RP112x47xx
4.653
4.70
4.747
4.630
4.70
4.771
0.20
0.28
RP112x48xx
4.752
4.80
4.848
4.728
4.80
4.872
0.20
0.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com