Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 6 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151B Datasheet(HTML) 6 Page - Nisshinbo Micro Devices Inc.

Back Button RP112K151B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
RP112x
No. EA-258-250325
6
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, VIN = 5.25 V (VOUT ≥ 4.1 V), VIN = Set VOUT + 1.0 V (1.5 V < VOUT < 4.1 V),
VIN = 2.5 V (VOUT ≤ 1.5 V), IOUT = 1 mA, CIN = COUT = 1.0 F
The specifications surrounded by
are guaranteed by design engineering at −40°C ≤ Ta ≤ 85°C.
RP112xxxxB/D Electrical Characteristics
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
en
Output Noise
BW = 10 Hz to 100 kHz,
IOUT = 30 mA
10
Vrms
RLOW
Auto-discharge Nch Tr.
ON Resistance
(RP112xxxxD only)
VIN = 4.0 V, VCE = 0 V
60
All test categories were tested on the products under the pulse load condition (Tj ≈ Ta = 25°C) except Output Noise, Ripple
Rejection, and Output Voltage Temperature Coefficient.
The specifications surrounded by
are guaranteed by design engineering at −40°C ≤ Ta ≤ 85°C.
• Dropout Voltage
(Ta = 25°C)
Output Voltage
VOUT (V)
Dropout Voltage VDIF (V)
Condition
Typ.
Max.
1.2V ≤ VOUT < 1.3V
IOUT=150mA
0.39
0.80
1.3V ≤ VOUT < 1.4V
0.37
0.70
1.4V ≤ VOUT < 1.5V
0.34
0.60
1.5V ≤ VOUT < 1.7V
0.32
0.50
1.7V ≤ VOUT < 2.0V
0.29
0.41
2.0V ≤ VOUT < 2.5V
0.25
0.36
2.5V ≤ VOUT < 2.8V
0.22
0.31
2.8V ≤ VOUT ≤ 4.8V
0.20
0.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com