Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151B Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button RP112K151B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
RP112x
No. EA-258-250325
13
7) Dropout Voltage vs. Set Output Voltage (C1 = Ceramic 1.0 F, C2 = Ceramic 1.0 F, Ta = 25C)
8) Dropout Voltage vs. Temperature (C1 = Ceramic 1.0 F, C2 = Ceramic 1.0 F)
RP112x12xx
RP112x28xx
RP112x40xx
RP112x48xx
0
50
100
150
200
250
300
350
400
0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2
Set Output Voltage VREG (V)
150mA
50mA
30mA
1mA
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
Temperature Topt (゚C)
150mA
100mA
50mA
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Temperature Topt (゚C)
150mA
100mA
50mA
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Temperature Topt (゚C)
150mA
100mA
50mA
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Temperature Topt (゚C)
150mA
100mA
50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com