Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K151B Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # RP112K151B
Description  Low Noise 150 mA LDO Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RP112K151B Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  RP112K151B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RP112K151B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
RP112x Series
Low Noise 150 mA LDO Regulator
No. EA-258-250325
1
OUTLINE
The RP112x is a voltage regulator (LDO) with high output voltage accuracy, low-supply current, low On-
resistance transistor, low noise output voltage and high ripple rejection. Each IC is composed of the followings:
a voltage reference unit, an error amplifier, a resistor-net for output voltage setting, a current limit circuit, and
a chip enable circuit.
The RP112x features ultra-low noise and its Ripple Rejection is as low as 80 dB at f = 1 kHz, 75 dB at f = 10
kHz and 65 dB at f = 100 kHz. The Output Noise is also as low as Typ. 10 μVrms. It is kept the low level at
any Output Voltage. RP112x is suitable for the power source for the portable music player and RF module that
demands for higher level of noise reduction. SOT-23-5 and SC-88A packages, a 1-mm square DFN(PL)1010-
4 package are available.
FEATURES
•
Supply Current ................................................... Typ. 75 A
•
Standby Current ................................................. Typ. 0.1 A
•
Dropout Voltage.................................................. Typ. 0.20 V (IOUT = 150 mA, VOUT = 2.8 V)
•
Ripple Rejection ................................................. Typ. 80 dB (f = 1 kHz)
Typ. 75 dB (f = 10 kHz)
Typ. 65 dB (f = 100 kHz)
•
Output Voltage Accuracy .................................... ±1.0%
•
Output Voltage Temperature Coefficient.............. Typ. ±30 ppm/C
•
Line Regulation .................................................. Typ. 0.02%/V
•
Packages ........................................................... DFN(PL)1010-4, SC-88A, SOT-23-5
•
Input Voltage Range........................................... 2.0 V to 5.25 V
•
Output Voltage Range ........................................ 1.2 V to 4.8 V (0.1 V step)
•
Short Current Limit ............................................. Typ. 40 mA
•
Built-in Foldback Protection Circuit
•
Output Noise ...................................................... Typ. 10 μVrms
•
Ceramic capacitors are recommended to be used with this IC .... 1.0 F or more
APPLICATIONS
•
Power source for portable communication equipment.
•
Power source for electrical appliances such as cameras, VCRs and camcorders.
•
Power source for battery-powered equipments.
•
Power source for electrical home appliances.
•
Power source for the portable music player
•
Power source for RF module


Similar Part No. - RP112K151B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP112K151B RICOH-RP112K151B Datasheet
888Kb / 32P
Low Noise 150mA LDO REGULATOR
April 1, 2012
More results

Similar Description - RP112K151B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Discharge Option
29-Mar-04
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
Low Noise 150 mA LDO Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com