Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 53 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 49Page - STMicroelectronics STA333BW Datasheet HTML 50Page - STMicroelectronics STA333BW Datasheet HTML 51Page - STMicroelectronics STA333BW Datasheet HTML 52Page - STMicroelectronics STA333BW Datasheet HTML 53Page - STMicroelectronics STA333BW Datasheet HTML 54Page - STMicroelectronics STA333BW Datasheet HTML 55Page - STMicroelectronics STA333BW Datasheet HTML 56Page - STMicroelectronics STA333BW Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
STA333BW
Register description
53/64
6.12.15
Coefficient b0 data register bits 15:8
6.12.16
Coefficient b0 data register bits 7:0
6.12.17
Coefficient write/read control register
Coefficients for user-defined EQ, mixing, scaling, and bass management are handled
internally in the STA333BW via RAM. Access to this RAM is available to the user via an I2C
register interface. A collection of I2C registers are dedicated to this function. One contains a
coefficient base address, five sets of three store the values of the 24-bit coefficients to be
written or that were read, and one contains bits used to control the write/read of the
coefficient(s) to/from RAM.
Note:
The read and write operation on RAM coefficients works only if LRCKI (pin 29) is switching.
Reading a coefficient from RAM
1.
Write 6-bits of address to I2C register 0x16.
2.
Write 1 to R1 bit in I2C address 0x26.
3.
Read top 8-bits of coefficient in I2C address 0x17.
4.
Read middle 8-bits of coefficient in I2C address 0x18.
5.
Read bottom 8-bits of coefficient in I2C address 0x19.
Reading a set of coefficients from RAM
1.
Write 6-bits of address to I2C register 0x16.
2.
Write 1 to RA bit in I2C address 0x26.
3.
Read top 8-bits of coefficient in I2C address 0x17.
4.
Read middle 8-bits of coefficient in I2C address 0x18.
5.
Read bottom 8-bits of coefficient in I2C address 0x19.
6.
Read top 8-bits of coefficient b2 in I2C address 0x1A.
7.
Read middle 8-bits of coefficient b2 in I2C address 0x1B.
8.
Read bottom 8-bits of coefficient b2 in I2C address 0x1C.
D7
D6
D5
D4
D3
D2
D1
D0
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
0
000
00
00
D7
D6
D5
D4
D3
D2
D1
D0
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
0
0
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
RA
R1
WA
W1
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com