Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 28Page - STMicroelectronics STA333BW Datasheet HTML 29Page - STMicroelectronics STA333BW Datasheet HTML 30Page - STMicroelectronics STA333BW Datasheet HTML 31Page - STMicroelectronics STA333BW Datasheet HTML 32Page - STMicroelectronics STA333BW Datasheet HTML 33Page - STMicroelectronics STA333BW Datasheet HTML 34Page - STMicroelectronics STA333BW Datasheet HTML 35Page - STMicroelectronics STA333BW Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Register description
STA333BW
32/64
6.5.4
AM mode enable
STA333BW features a DDX processing mode that minimizes the amount of noise generated
in frequency range of AM radio. This mode is intended for use when DDX is operating in a
device with an AM tuner active. The SNR of the DDX processing is reduced to ~83 dB in this
mode, which is still greater than the SNR of AM radio.
6.5.5
PWM speed mode
6.5.6
Distortion compensation variable enable
6.5.7
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks are audible.
6.5.8
Soft volume update enable
Bit
R/W
RST
Name
Description
3R/W
0
AME
0: normal DDX operation.
1: AM reduction mode DDX operation
Bit
R/W
RST
Name
Description
4R/W
0
PWMS
0: normal speed (384 kHz) all channels
1: odd speed (341.3 kHz) all channels
Bit
R/W
RST
Name
Description
5R/W
0
DCCV
0: uses preset DC coefficient
1: uses DCC coefficient
Bit
R/W
RST
Name
Description
6R/W
1
ZCE
1: volume adjustments only occur at digital
zero-crossings
0: volume adjustments occur immediately
Bit
R/W
RST
Name
Description
7R/W
1
SVE
1: volume adjustments ramp according to SVR settings
0: volume adjustments occur immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com