Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 20Page - STMicroelectronics STA333BW Datasheet HTML 21Page - STMicroelectronics STA333BW Datasheet HTML 22Page - STMicroelectronics STA333BW Datasheet HTML 23Page - STMicroelectronics STA333BW Datasheet HTML 24Page - STMicroelectronics STA333BW Datasheet HTML 25Page - STMicroelectronics STA333BW Datasheet HTML 26Page - STMicroelectronics STA333BW Datasheet HTML 27Page - STMicroelectronics STA333BW Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Register description
STA333BW
24/64
6.1.3
Thermal warning recovery bypass
If the thermal warning adjustment is enabled (TWAB=0), then the thermal warning recovery
determines if the -3 dB output limit is removed when thermal warning is negative.
If TWRB=0 and TWAB=0, then when a thermal warning disappears the -3 dB output limit is
removed and the gain is added back to the system. If TWRB=1 and TWAB=0, then when a
thermal warning disappears the -3 dB output limit remains until TWRB is changed to zero or
the device is reset.
6.1.4
Thermal warning adjustment bypass
The on-chip STA333BW power output block provides feedback to the digital controller using
inputs to the power control block. The TWARN input is used to indicate a thermal warning
condition. When TWARN is asserted (set to 0) for a period of time greater than 400 ms, the
power control block forces a -3 dB output limit (determined by TWOCL in Coeff RAM) to the
modulation limit in an attempt to eliminate the thermal warning condition. Once the thermal
warning output limit adjustment is applied, it remains in this state until reset, unless
FDRB = 0.
6.1.5
Fault detect recovery bypass
The on-chip STA333BW power output block provides feedback to the digital controller using
inputs to the power control block. The FAULT input is used to indicate a fault condition (either
over-current or thermal). When FAULT is asserted (set to 0), the power control block
attempts a recovery from the fault by asserting the tri-state output (setting it to 0 which
directs the power output block to begin recovery), holds it at 0 for period of time in the range
of 0.1 ms to 1 second as defined by the fault-detect recovery constant register (FDRC
registers 0x29, 0x2A), then toggles it back to 1. This sequence is repeated as log as the
fault indication exists. This feature is enabled by default but can be bypassed by setting the
FDRB control bit to 1.
Bit
R/W
RST
Name
Description
5R/W
1
TWRB
0: thermal warning recovery enabled
1: thermal warning recovery disabled
Bit
R/W
RST
Name
Description
6R/W
1
TWAB
0: thermal warning adjustment enabled
1: thermal warning adjustment disabled
Bit
R/W
RST
Name
Description
7R/W
0
FDRB
0: fault detect recovery enabled
1: fault detect recovery disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com