Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 46Page - STMicroelectronics STA333BW Datasheet HTML 47Page - STMicroelectronics STA333BW Datasheet HTML 48Page - STMicroelectronics STA333BW Datasheet HTML 49Page - STMicroelectronics STA333BW Datasheet HTML 50Page - STMicroelectronics STA333BW Datasheet HTML 51Page - STMicroelectronics STA333BW Datasheet HTML 52Page - STMicroelectronics STA333BW Datasheet HTML 53Page - STMicroelectronics STA333BW Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Register description
STA333BW
50/64
Dynamic range compression mode
6.12
User-defined coefficient control registers (0x16 to 0x26)
6.12.1
Coefficient address register
6.12.2
Coefficient b1 data register bits 23:16
Table 28.
Limiter attack threshold
as a function of LxAT bits
(DRC-Mode).
Table 29.
Limiter release threshold
as a as a function of
LxRT bits (DRC-Mode).
LxAT[3:0]
DRC(dB relative to Volume)
LxRT[3:0]
DRC(db relative to Volume +
LxAT)
0000
-31
0000
-
∞
0001
-29
0001
-38 dB
0010
-27
0010
-36 dB
0011
-25
0011
-33 dB
0100
-23
0100
-31 dB
0101
-21
0101
-30 dB
0110
-19
0110
-28 dB
0111
-17
0111
-26 dB
1000
-16
1000
-24 dB
1001
-15
1001
-22 dB
1010
-14
1010
-20 dB
1011
-13
1011
-18 dB
1100
-12
1100
-15 dB
1101
-10
1101
-12 dB
1110
-7
1110
-9 dB
1111
-4
1111
-6 dB
D7
D6
D5
D4
D3
D2
D1
D0
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com