Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 34Page - STMicroelectronics STA333BW Datasheet HTML 35Page - STMicroelectronics STA333BW Datasheet HTML 36Page - STMicroelectronics STA333BW Datasheet HTML 37Page - STMicroelectronics STA333BW Datasheet HTML 38Page - STMicroelectronics STA333BW Datasheet HTML 39Page - STMicroelectronics STA333BW Datasheet HTML 40Page - STMicroelectronics STA333BW Datasheet HTML 41Page - STMicroelectronics STA333BW Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Register description
STA333BW
38/64
Figure 17.
2.1 channels (OCFG=’10’) PWM slots.
6.6.2
Invalid input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and will
automatically mute if the signals are perceived as invalid.
6.6.3
Binary output mode clock loss detection
Detects loss of input MCLK in binary mode and will output 50% duty cycle.
6.6.4
LRCK double trigger protection
Actively prevents double trigger of LRCLK.
6.6.5
Auto EAPD on clock loss
When active, issues a power device power down signal (EAPD) on clock loss detection.
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT1A
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
Bit
R/W
RST
Name
Description
2R/W
1
IDE
Setting of 1 enables the automatic invalid input
detect mute
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
Binary output mode clock loss detection enable
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
LRCLK double trigger protection enable
Bit
R/W
RST
Name
Description
5
R/W
0
ECLE
Auto EAPD on clock loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com