Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 8Page - STMicroelectronics STA333BW Datasheet HTML 9Page - STMicroelectronics STA333BW Datasheet HTML 10Page - STMicroelectronics STA333BW Datasheet HTML 11Page - STMicroelectronics STA333BW Datasheet HTML 12Page - STMicroelectronics STA333BW Datasheet HTML 13Page - STMicroelectronics STA333BW Datasheet HTML 14Page - STMicroelectronics STA333BW Datasheet HTML 15Page - STMicroelectronics STA333BW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Electrical specifications
STA333BW
12/64
3
Electrical specifications
3.1
Absolute maximum ratings
Stresses beyond those listed below in Table 4 may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under Section 3.2: Recommended operating conditions
are not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
In real applications, power supplies with nominal-rated voltages within the recommended
operating conditions, may experience some rising beyond the maximum operating
conditions for short times when no or very low current is being sunk (for example, amplifier
in mute state). In this case the reliability of the device is guaranteed, provided that the
absolute maximum ratings are never exceeded.
3.2
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCC1, VCC2)
-0.3
23
V
VDD_DIG Digital supply voltage
-0.3
4
V
VDD_PLL PLL supply voltage
-0.3
4
V
Top
Operating junction temperature
0
150
°C
Tstg
Storage temperature
-40
150
°C
Table 5.
Recommended operating condition
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCC1, VCC2)
4.5
20
V
VDD_DIG Digital supply voltage
2.7
3.3
3.6
V
VDD_PLL PLL supply voltage
2.7
3.3
3.6
V
Tamb
Ambient temperature
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com