Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 26Page - STMicroelectronics STA333BW Datasheet HTML 27Page - STMicroelectronics STA333BW Datasheet HTML 28Page - STMicroelectronics STA333BW Datasheet HTML 29Page - STMicroelectronics STA333BW Datasheet HTML 30Page - STMicroelectronics STA333BW Datasheet HTML 31Page - STMicroelectronics STA333BW Datasheet HTML 32Page - STMicroelectronics STA333BW Datasheet HTML 33Page - STMicroelectronics STA333BW Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Register description
STA333BW
30/64
6.4.4
Post-scale link
Post-scale functionality can be used for power-supply error correction. For multi-channel
applications running off the same power-supply, the post-scale values can be linked to the
value of channel 1 for ease of use and update the values faster.
6.4.5
Biquad coefficient link
For ease of use, all channels can use the biquad coefficients loaded into the Channel 1
Coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to
be performed once.
6.4.6
Dynamic range compression/anti-clipping bit
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression.
When used in anti-clipping mode the limiter threshold values are constant and dependent on
the limiter settings. In dynamic range compression mode the limiter threshold values vary
with the volume settings allowing a nighttime listening mode that provides a reduction in the
dynamic range regardless of the volume level.
6.4.7
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the data for each processing channel at the output of the crossover (bass management)
filter. If any channel receives 2048 consecutive zero value samples (regardless of fs) then
that individual channel is muted if this function is enabled.
Bit
R/W
RST
Name
Description
3
R/W
0
PSL
0: each channel uses individual post-scale value
1: each channel uses channel 1 post-scale value
Bit
R/W
RST
Name
Description
4R/W
0
BQL
0: each channel uses coefficient values
1: each channel uses channel 1 coefficient values
Bit
R/W
RST
Name
Description
5
R/W
0
DRC
0: limiters act in anti-clipping mode
1: limiters act in dynamic range compression mode
Bit
R/W
RST
Name
Description
6
R/W
1
ZDE
Setting of 1 enables the automatic zero-detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com