Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 10Page - STMicroelectronics STA333BW Datasheet HTML 11Page - STMicroelectronics STA333BW Datasheet HTML 12Page - STMicroelectronics STA333BW Datasheet HTML 13Page - STMicroelectronics STA333BW Datasheet HTML 14Page - STMicroelectronics STA333BW Datasheet HTML 15Page - STMicroelectronics STA333BW Datasheet HTML 16Page - STMicroelectronics STA333BW Datasheet HTML 17Page - STMicroelectronics STA333BW Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Electrical specifications
STA333BW
14/64
IVCC
Supply current from Vcc in power
down
PWRDN = 0
0.1
1
mA
Supply current from Vcc in
operation
PCM input signal = -60 dBFS,
Switching frequency = 384 kHz
No LC filters
30
mA
IVDD
Supply current DDX processing
(reference only)
Internal clock = 49.152 MHz
80
mA
Ilim
Overcurrent limit
(2)
2.2
3.0
4.0
A
Isc
Short circuit protection
Hi-Z output
2.7
3.6
A
UVL
Under-voltage protection
3.5
4.3
V
tmin
Output minimum pulse width
No load
20
30
60
ns
DR
Dynamic range
100
dB
SNR
Signal to noise ratio, ternary
mode
A-Weighted
100
dB
Signal to noise ratio binary mode
90
dB
PSSR
Power supply rejection ratio
DDX stereo mode, <5 kHz
VRIPPLE = 1 V RMS
Audio input = dither only
80
dB
THD+N
Total harmonic distortion + noise
DDX stereo mode, Po=1 W
f = 1 kHz
0.2
%
XTALK
Crosstalk
DDX stereo mode, <5 kHz
One channel driven @ 1 W
Other channel measured
80
dB
η
Peak efficiency, DDX mode
Po = 2 x 20 W, 8
Ω
90
%
Peak efficiency,binary modes
Po = 2 x 9 W @ 4
Ω, 1 x 20 W
@ 8
Ω
87
1.
Refer to Figure 4: Test circuit 1.
2.
Limit current if the register (OCRB par 6.1.3.3) overcurrent warning detect adjustment bypass is enabled. When disabled
refer to the Isc.
Table 6.
Electrical characteristics power section (continued)
VCC= 18 V, f = 1 kHz, fsw = 384 kHz, Tamb = 25 °C, RL = 8 Ω unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com