Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333BW Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA333BW
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 27Page - STMicroelectronics STA333BW Datasheet HTML 28Page - STMicroelectronics STA333BW Datasheet HTML 29Page - STMicroelectronics STA333BW Datasheet HTML 30Page - STMicroelectronics STA333BW Datasheet HTML 31Page - STMicroelectronics STA333BW Datasheet HTML 32Page - STMicroelectronics STA333BW Datasheet HTML 33Page - STMicroelectronics STA333BW Datasheet HTML 34Page - STMicroelectronics STA333BW Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
STA333BW
Register description
31/64
6.4.8
Miami ModeTM enable
6.5
Configuration register E (0x04)
6.5.1
Max power correction variable
6.5.2
Max power correction
Setting the MPC bit turns on special processing that corrects the STA333BW power device
at high power. This mode should lower the THD+N of a full DDX system at maximum power
output and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1,0] = 01) and binary. When OCFG = 00, MPC will not effect channels 3 and 4, the
line-out channels.
6.5.3
Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
7R/W
0
MME
0: sub mix into left/right disabled
1: sub mix into left/right enabled
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
1
100
00
10
Bit
R/W
RST
Name
Description
0R/W
0
MPCV
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient
Bit
R/W
RST
Name
Description
1R/W
1
MPC
Setting of 1 enables Power Bridge correction for
THD reduction near maximum power output.
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: third order NS
0: fourth order NS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com