Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 140 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 140 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 136Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 137Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 138Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 139Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 140Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 141Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 142Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 143Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 282 page
background image
6.11.4.1.2 MCU_OSC0 LVCMOS Digital Clock Source
Figure 6-21 shows the recommended oscillator connections when MCU_OSC0_XI is connected to a 1.8V
LVCMOS square-wave digital clock source.
Note
1. A DC steady-state condition is not allowed on MCU_OSC0_XI when the oscillator is powered up.
This is not allowed because MCU_OSC0_XI is internally AC coupled to a comparator that can
enter an unknown state when DC is applied to the input. Therefore, application software must
power down MCU_OSC0 any time MCU_OSC0_XI is not toggling between logic states.
2. The PCB trace length connecting the LVCMOS clock source to MCU_OSC0_XI should be
minimized. This reduces capacitive loading and decreases probability of external noise sources
coupling into the clock signal. Reduced capacitive loading improves rise/fall times of the clock
signal which reduces the probability of jitter being introduced in the system.
3. The LVCMOS clock signal sourcing the MCU_OSC0_XI input must have monotonic transitions.
The clock source should be connected to MCU_OSC0_XI with a point-to-point connection,
via a series termination resistor placed near the clock source. The series termination resistor
value should match the clock source output impedance to the transmission line impedance. For
example, the series termination resistor value needs to be 20 ohms if the clock source has an
output impedance of 30 ohms and the PCB signal trace has a characteristic impedance of 50
ohms. This allows the reflection that returns from the far end of the un-terminated transmission
line to be completely absorbed such that is does not introduce any non-monotonic events on the
signal.
 
Device
MCU_OSC0_XO
MCU_OSC0_XI
AM65x_MCU_OSC_EXT_CLK_03
PCB Ground
Figure 6-21. 1.8V LVCMOS-Compatible Clock Input
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
140
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com