Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDGHIALVR. Datasheet(PDF) 141 Page - Texas Instruments

Part # AM2431BSDGHIALVR.
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDGHIALVR. Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM2431BSDGHIALVR. Datasheet HTML 137Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 138Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 139Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 140Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 141Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 142Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 143Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 144Page - Texas Instruments AM2431BSDGHIALVR. Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 282 page
background image
Table 6-24. MCU_OSC0 LVCMOS Digital Clock Source Requirements
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Frequency
25
MHz
Frequency Stability and Tolerance
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
DC
Duty Cycle
45
55
%
tR/F
Rise/Fall Time (10%-90% rise, 90%-10% fall)
4(1)
ns
JPeriod(RMS)
Period Jitter, RMS (100k samples)
20
ps
JPeriod(PK-PK) Period Jitter, Peak to Peak (100k samples)
300
ps
JPhase(RMS)
Phase Jitter, RMS (BW 100Hz to 1MHz)
10(2)
ps
PN
Phase Noise(3)
100Hz
–92.3
dBc/Hz
1kHz
–112.3
10kHz
–132.3
100kHz
–142.3
1MHz
–152.3
(1)
Most LVCMOS oscillator datasheets define their maximum Output Rise/Fall times with a capacitive load much larger than the actual
load that will be applied by the combined PCB trace capacitance and MCU_OSC0_XI input capacitance. It should not be difficult to
find a LVCMOS oscillator that meets this requirement. However, the system designer must confirm the LVCMOS oscillator selected will
provide the appropriate rise/fall time to MCU_OSC0_XI input.
(2)
Most LVCMOS oscillator datasheets define their max RMS Phase Jitter using a larger bandwidth integration range than required by
this device. To get a more appropriate value, it may be necessary to contact the LVCMOS oscillator manufacture and ask them to
provide a maximum RMS Phase Jitter using the same bandwidth integration range that has been defined for this parameter.
(3)
The Phase Noise parameter is only applicable when the SerDes PHY is used for USB SuperSpeed, or PCIe operating without a
common external clock source.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
141
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com