| Electronic Components Datasheet Search |
|
S7G2 Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S7G2 Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 117 page ![]() R01DS0262EU0150 Rev.1.50 Page 3 of 117 Sep 24, 2025 S7G2 Datasheet 1. Overview Table 1.3 System (1 of 2) Feature Functional description Operating modes Two operating modes: - Single-chip mode - SCI or USB boot mode. See section 3, Operating Modes in Userʼs Manual. Resets 14 resets: RES pin reset Power-on reset Voltage monitor 0 reset Voltage monitor 1 reset Voltage monitor 2 reset Independent watchdog timer reset Watchdog timer reset Deep Software Standby reset SRAM parity error reset SRAM DED error reset Bus master MPU error reset Bus slave MPU error reset Stack pointer error reset Software reset. See section 6, Resets in Userʼs Manual. Low Voltage Detection (LVD) The Low Voltage Detection (LVD) function monitors the voltage level input to the VCC pin, and the detection level can be selected using a software program. See section 8, Low Voltage Detection (LVD) in Userʼs Manual. Clocks Main clock oscillator (MOSC) Sub-clock oscillator (SOSC) High-speed on-chip oscillator (HOCO) Middle-speed on-chip oscillator (MOCO) Low-speed on-chip oscillator (LOCO) PLL frequency synthesizer IDWT-dedicated on-chip oscillator Clock out support. See section 9, Clock Generation Circuit in Userʼs Manual. Clock Frequency Accuracy Measurement Circuit (CAC) The Clock Frequency Accuracy Measurement Circuit (CAC) counts pulses of the clock to be measured (measurement target clock) within the time generated by the clock to be used as a measurement reference (measurement reference clock), and determines the accuracy depending on whether the number of pulses is within the allowable range. When measurement is complete or the number of pulses within the time generated by the measurement reference clock is not within the allowable range, an interrupt request is generated. See section 10, Clock Frequency Accuracy Measurement Circuit (CAC) in Userʼs Manual. Interrupt Controller Unit (ICU) The Interrupt Controller Unit (ICU) controls which event signals are linked to the NVIC/DTC module and DMAC module. The ICU also controls NMI interrupts. See section 14, Interrupt Controller Unit (ICU) in Userʼs Manual. Key interrupt function (KINT) A key interrupt can be generated by setting the Key Return Mode register (KRM) and inputting a rising or falling edge to the key interrupt input pins. See section 21, Key Interrupt Function (KINT) in Userʼs Manual. Low power modes Power consumption can be reduced in multiple ways, including by setting clock dividers, controlling EBCLK output, controlling SDCLK output, stopping modules, selecting power control mode in normal operation, and transitioning to low power modes. See section 11, Low Power Modes in Userʼs Manual. Battery backup function A battery backup function is provided for partial powering by a battery. The battery-powered area includes the RTC, SOSC, backup memory, and switch between VCC and VBATT. See section 12, Battery Backup Function in Userʼs Manual. Register write protection The register write protection function protects important registers from being overwritten because of software errors. See section 13, Register Write Protection in Userʼs Manual. Memory Protection Unit (MPU) Three Memory Protection Units (MPUs) and a CPU stack pointer monitor function are provided for memory protection. See section 16, Memory Protection Unit (MPU) in Userʼs Manual. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |