Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 6Page - Renesas Technology Corp S7G2 Datasheet HTML 7Page - Renesas Technology Corp S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp S7G2 Datasheet HTML 10Page - Renesas Technology Corp S7G2 Datasheet HTML 11Page - Renesas Technology Corp S7G2 Datasheet HTML 12Page - Renesas Technology Corp S7G2 Datasheet HTML 13Page - Renesas Technology Corp S7G2 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 10 of 117
Sep 24, 2025
S7G2 Datasheet
1. Overview
1.3
Part Numbering
Figure 1.2 shows product part number information, including memory capacity and package type. Table 1.15 shows a list
of products.
Figure 1.2
Part numbering scheme
R 7 F S 7 G2
Group name
G2: S7G2 Group, Arm Cortex-M4, 240 MHz
Series name
7: High performance
Renesas Synergy™ family
Flash memory
Renesas microcontroller unit
Renesas
7 H 3 A 0 1 C F C # A A 0
Package type
BD: BGA 224 pins
BG: BGA 176 pins
FC: LQFP 176 pins
FB: LQFP 144 pins
FP: LQFP 100 pins
LK: LGA 145 pins
Quality ID
Software ID
Operating temperature
2: -40° C to 85° C
3: -40° C to 105° C
Code flash memory size
G: 3 MB
H: 4 MB
Feature set
7: Superset
Product identification code
Packing
A: Tray
B: Tray (Full carton)
U: Tray (Full tray)
H: Tape and reel
Terminal material (Pb-free)
A: Sn (Tin) only
C: Others
Note:
Check the order screen for each product on the Renesas website for valid symbols after the #.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com