Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 93Page - Renesas Technology Corp S7G2 Datasheet HTML 94Page - Renesas Technology Corp S7G2 Datasheet HTML 95Page - Renesas Technology Corp S7G2 Datasheet HTML 96Page - Renesas Technology Corp S7G2 Datasheet HTML 97Page - Renesas Technology Corp S7G2 Datasheet HTML 98Page - Renesas Technology Corp S7G2 Datasheet HTML 99Page - Renesas Technology Corp S7G2 Datasheet HTML 100Page - Renesas Technology Corp S7G2 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 97 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.6
DAC12 Characteristics
2.7
TSN Characteristics
2.8
OSC Stop Detect Characteristics
Figure 2.89
Oscillation stop detection timing
Table 2.44
D/A conversion characteristics
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
-
-
12
Bits
-
Without output amplifier
Absolute accuracy
-
-
±24
LSB
Resistive load 2 MΩ
INL
-
±2.0
±8.0
LSB
Resistive load 2 MΩ
DNL
±1.0
±2.0
LSB
-
Output impedance
-
7.5
-
kΩ
-
Conversion time
-
-
3.0
μs
Capacitive load 20 pF
Output voltage range
0
-
VREFH
V
-
With output amplifier
INL
-
±2.0
±4.0
LSB
-
DNL
-
±1.0
±2.0
LSB
-
Conversion time
-
-
4.0
μs-
Resistive load
5
-
-
kΩ
-
Capacitive load
-
-
50
pF
-
Output voltage range
0.2
-
VREFH - 0.2
V
-
Table 2.45
TSN characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
-
-
±1.0
-
°C
-
Temperature slope
-
-
4.1
-
mV/°C
-
Output voltage (at 25°C)
-
-
1.24
-
V
-
Temperature sensor start time
tSTART
--30
μs-
Sampling time
-
4.15
-
-
μs-
Table 2.46
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
--1
ms
Figure 2.89
tdr
Main clock
OSTDSR.OSTDF
MOCO clock
ICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com