Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 85Page - Renesas Technology Corp S7G2 Datasheet HTML 86Page - Renesas Technology Corp S7G2 Datasheet HTML 87Page - Renesas Technology Corp S7G2 Datasheet HTML 88Page - Renesas Technology Corp S7G2 Datasheet HTML 89Page - Renesas Technology Corp S7G2 Datasheet HTML 90Page - Renesas Technology Corp S7G2 Datasheet HTML 91Page - Renesas Technology Corp S7G2 Datasheet HTML 92Page - Renesas Technology Corp S7G2 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 89 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.4
USB Characteristics
2.4.1
USBHS Timing
Figure 2.76
USBHS_DP and USBHS_DM output timing in low-speed mode
Figure 2.77
Test circuit in low-speed mode
Table 2.35
USBHS low-speed characteristics for host only (USBHS_DP and USBHS_DM pin characteristics)
Conditions: USBHS_RREF = 2.2 kΩ ± 1%, USBMCLK = 20/24 MHz, UCLK = 48 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input
characteristics
Input high voltage
VIH
2.0
-
-
V
-
-
Input low voltage
VIL
--
0.8
V
-
-
Differential input sensitivity
VDI
0.2
-
-
V
| USBHS_DP -
USBHS_DM |
-
Differential common-mode
range
VCM
0.8
-
2.5
V
-
-
Output
characteristics
Output high voltage
VOH
2.8
-
3.6
V
IOH = -200 μA-
Output low voltage
VOL
0.0
-
0.3
V
IOL= 2 mA
-
Cross-over voltage
VCRS
1.3
-
2.0
V
-
Figure 2.76,
Figure 2.77
Rise time
tLR
75
-
300
ns
-
Fall time
tLF
75
-
300
ns
-
Rise/fall time ratio
tLR / tLF
80
-
125
%
tLR / tLF
-
Pull-up,
Pull-down
characteristics
USBHS_DP and USBHS_DM
pull-down resistors (host)
Rpd
14.25
-
24.80
kΩ
-
USBHS_DP,
USBHS_DM
tf
tr
90%
10%
10%
90%
VCRS
Observation
point
200 pF to
600 pF
USBHS_DP
USBHS_DM
200 pF to
600 pF
1.5 K
3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com