Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 24Page - Renesas Technology Corp S7G2 Datasheet HTML 25Page - Renesas Technology Corp S7G2 Datasheet HTML 26Page - Renesas Technology Corp S7G2 Datasheet HTML 27Page - Renesas Technology Corp S7G2 Datasheet HTML 28Page - Renesas Technology Corp S7G2 Datasheet HTML 29Page - Renesas Technology Corp S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 28 of 117
Sep 24, 2025
S7G2 Datasheet
1. Overview
A13
B13
48
A11
40
29
VCC
_US
B
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
C13
C12
49
C11
41
30
-
-
P207
A17
-
-
-
-
-
-
-
-
-
SS
LB2
_A
---
-
-
-
-
TS0
2
-
G9
D12
50
B10
42
31
-
IRQ
0-
DS
P206
WAIT
-
-
GTI
U_A
--
USB
_VB
USE
N_A
RXD
4_A/
MIS
O4_
A/S
CL4
_A
-SDA
1_A
SS
LB1
_A
SSI
DA
TA1
_A
ET0
_LI
NK
STA
ET0
_LI
NK
STA
-SD0
DAT
2
--
TS0
1
-
C12
E12
51
A10
43
32
CLK
OUT
_A
IRQ
1-
DS
P205
A16
-
AGT
O1
GTI
V_A
GTI
OC
4A_
B
-USB
_OV
RCU
RA_
A-
DS
TXD
4_A/
MO
SI4_
A/S
DA4
_A
CTS
9_R
TS9
_A/
SS9
_A
SCL
1_A
SS
LB0
_A
SSI
WS
1_A
ET0
_W
OL
ET0
_W
OL
-SD0
DAT
3
--
TSC
AP_
A
-
D11
A13
52
C10
44
-
CAC
REF
_A
-
P204
A18
-
AGT
IO1_
A
GTI
W_A
GTI
OC
4B_
B
-USB
_OV
RCU
RB_
A-
DS
SCK
4_A
SCK
9_A
SCL
0_B
RS
PC
KB
_A
SSI
SC
K1_
A
ET0
_R
X_
DV
--
SD0
DAT
4
--
TS0
0
-
B12
D11
53
A9
45
-
-
IRQ
2-
DS
P203
A19
-
-
-
GTI
OC
5A_
A
-CTX
0_A
CTS
2_R
TS2
_A/S
S2_
A
TXD
9_A/
MO
SI9_
A/S
DA9
_A
-MO
SIB
_A
-ET0
_C
OL
--
SD0
DAT
5
--
TSC
AP_
B
-
A12
B12
54
C9
46
-
-
IRQ
3-
DS
P202
WR1/
BC1
--
-
GTI
OC
5B_
A
-
CRX
0_A
SCK
2_A
RXD
9_A/
MIS
O9_
A/S
CL9
_A
-MIS
OB
_A
ET0
_E
RX
D2
--
SD0
DAT
6
--
-
LCD
_TC
ON3
_B
E10
A12
55
B9
47
-
-
-
P313
A20
-
-
-
-
-
-
-
-
-
-
-
ET0
_E
RX
D3
--
SD0
DAT
7
--
-
LCD
_TC
ON2
_B
F9
C11
56
-
-
-
-
-
P314
A21
-
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_TC
ON1
_B
C11
B11
57
-
-
-
-
-
P315
A22
-
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_TC
ON0
_B
E9
A11
58
-
-
-
-
-
P900
A23
-
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_CL
K_B
B11
C10
59
-
-
-
-
-
P901
-
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_DA
TA1
5_B
A11
-
-
-
-
-
-
-
P902
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
LCD
_DA
TA2
3_B
C10
D10
60
D9
48
-
VSS
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
D10
D9
61
D8
49
-
VCC
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
D9
-
-
-
-
-
-
-
P903
-
-
-
-
GTI
OC
7A_
B
-
-
-
-
-
----
-
SD0
CD
--
-
-
C9
-
-
-
-
-
-
-
P904
-
-
-
-
GTI
OC
7B_
B
-
-
-
-
-
----
-
-
-
-
-
-
A10
A10
62
A8
50
33
VCL
1
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
B10
B10
63
B8
51
34
VSS
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
A9
A9
64
A7
52
35
VLO
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
B9
B9
65
B7
53
36
VLO
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
A8
A8
66
A6
54
37
VCC
_DC
DC
-
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
H8
-
-
-
-
-
-
P913
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
F8
C9
67
C7
55
38
RES
-
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
C8
B8
68
B6
56
39
MD
-
P201
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
B8
C8
69
C8
57
40
-
NMI
P200
-
-
-
-
--
-
-
-
-
----
-
-
-
-
-
-
Table 1.18
Pin list (4 of 10)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com