Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 94Page - Renesas Technology Corp S7G2 Datasheet HTML 95Page - Renesas Technology Corp S7G2 Datasheet HTML 96Page - Renesas Technology Corp S7G2 Datasheet HTML 97Page - Renesas Technology Corp S7G2 Datasheet HTML 98Page - Renesas Technology Corp S7G2 Datasheet HTML 99Page - Renesas Technology Corp S7G2 Datasheet HTML 100Page - Renesas Technology Corp S7G2 Datasheet HTML 101Page - Renesas Technology Corp S7G2 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 98 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.9
POR and LVD Characteristics
Note 1. The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection
levels VPOR, Vdet1, and Vdet2 for POR and LVD.
Note 2. The low-power function is disabled and DEEPCUT[1:0] = 00b or 01b.
Note 3. The low-power function is enabled and DEEPCUT[1:0] = 11b.
Figure 2.90
Power-on reset timing
Table 2.47
Power-on reset circuit and voltage detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Voltage detection
level
Power-on reset
(POR)
Module-stop function
disabled*1
VPOR
2.5
2.6
2.7
V
Figure 2.90
Module-stop function
enabled*2
2.0
2.35
2.7
Voltage detection circuit (LVD0)
Vdet0_1
2.84
2.94
3.04
Figure 2.91
Vdet0_2
2.77
2.87
2.97
Vdet0_3
2.70
2.80
2.90
Voltage detection circuit (LVD1)
Vdet1_1
2.89
2.99
3.09
Figure 2.92
Vdet1_2
2.82
2.92
3.02
Vdet1_3
2.75
2.85
2.95
Voltage detection circuit (LVD2)
Vdet2_1
2.89
2.99
3.09
Figure 2.93
Vdet2_2
2.82
2.92
3.02
Vdet2_3
2.75
2.85
2.95
Internal reset time
Power-on reset time
tPOR
-4.6
-
ms
Figure 2.90
LVD0 reset time
tLVD0
-0.70
-
Figure 2.91
LVD1 reset time
tLVD1
-0.57
-
Figure 2.92
LVD2 reset time
tLVD2
-0.57
-
Figure 2.93
Minimum VCC down time
tVOFF
200
-
-
μs
Figure 2.90,
Figure 2.91
Response delay
tdet
-
-
200
μs
Figure 2.90 to
Figure 2.93
LVD operation stabilization time (after LVD is enabled)
Td(E-A)
--
10
μs
Figure 2.92,
Figure 2.93
Hysteresis width (LVD1 and LVD2)
VLVH
-80
-
mV
Internal reset signal
(active-low)
VCC
tVOFF
tdet tPOR
tdet
tPOR
tdet
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com