Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 76Page - Renesas Technology Corp S7G2 Datasheet HTML 77Page - Renesas Technology Corp S7G2 Datasheet HTML 78Page - Renesas Technology Corp S7G2 Datasheet HTML 79Page - Renesas Technology Corp S7G2 Datasheet HTML 80Page - Renesas Technology Corp S7G2 Datasheet HTML 81Page - Renesas Technology Corp S7G2 Datasheet HTML 82Page - Renesas Technology Corp S7G2 Datasheet HTML 83Page - Renesas Technology Corp S7G2 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 80 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
Note:
tIICcyc: IIC internal reference clock (IICφ) cycle, tPcyc: PCLKB cycle.
Note 1. Values in parentheses apply when ICMR3.NF[1:0] is set to 11b while the digital filter is enabled with ICFER.NFE
set to 1.
Note 2. Cb indicates the total capacity of the bus line.
Figure 2.54
I2C bus interface input/output timing
Table 2.29
IIC timing (2)
Conditions:
(1) Setting of the SCL0_A, SDA0_A pins is not required with the port drive capability bit in the PmnPFS register.
Parameter
Symbol Min*1,*2
Max
Unit
Test
conditions
IIC
(Fast-mode+)
ICFER.FMPE = 1
SCL input cycle time
tSCL
6 (12) × tIICcyc + 240
-
ns
Figure 2.54
SCL input high pulse width
tSCLH
3 (6) × tIICcyc + 120
-
ns
SCL input low pulse width
tSCLL
3 (6) × tIICcyc + 120
-
ns
SCL, SDA input rise time
tSr
-
120
ns
SCL, SDA input fall time
tSf
-
120
ns
SCL, SDA input spike pulse removal
time
tSP
0
1 (4) × tIICcyc
ns
SDA input bus free time when
wakeup function is disabled
tBUF
3 (6) × tIICcyc + 120
-
ns
SDA input bus free time when
wakeup function is enabled
tBUF
3(6) × tIICcyc + 4 × tPcyc
+ 120
-ns
Start condition input hold time when
wakeup function is disabled
tSTAH
tIICcyc + 120
-
ns
START condition input hold time
when wakeup function is enabled
tSTAH
1(5) × tIICcyc + tPcyc +
120
-ns
Restart condition input setup time
tSTAS
120
-
ns
Stop condition input setup time
tSTOS
120
-
ns
Data input setup time
tSDAS
tIICcyc + 30
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb
-
550
pF
SDA0 to SDA2
SCL0 to SCL2
VIH
VIL
tSTAH
tSCLH
tSCLL
P*
1
S*
1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Test conditions :
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6 V, IOL = 6 mA (ICFER.FMPE = 0)
VOL = 0.4 V, IOL = 15 mA (ICFER.FMPE = 1)
Sr*
1
Note 1. S, P, and Sr indicate the following:
S: Start condition
P: Stop condition
Sr: Restart condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com