Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 7 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 7 Page - EPCOS

Back Button B43713 Datasheet HTML 3Page - EPCOS B43713 Datasheet HTML 4Page - EPCOS B43713 Datasheet HTML 5Page - EPCOS B43713 Datasheet HTML 6Page - EPCOS B43713 Datasheet HTML 7Page - EPCOS B43713 Datasheet HTML 8Page - EPCOS B43713 Datasheet HTML 9Page - EPCOS B43713 Datasheet HTML 10Page - EPCOS B43713 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
1 = for capacitors with ring clip/clamp mounting
3 = for capacitors with threaded stud
00 = standard
07 = heat sink mounting
08 = insulated base
50 = PAPR terminal style
57 = PAPR with heat sink mounting
58 = PAPR with insulated base
For details refer to "Design options" on page 17.
VR =200VDC
3300
51.6
× 80.7
50
15
85
15.8
8.59
B437*3A2338M6##
3900
51.6
× 96.7
40
12
70
17.9
9.78
B437*3A2398M6##
4700
51.6
× 105.7
36
11
60
20.1
10.9
B437*3A2478M6##
4700
64.3
× 80.7
36
10
60
21.0
11.4
B437*3B2478M6##
5600
51.6
× 118.2
30
9.1
50
22.5
12.2
B437*3A2568M6##
5600
64.3
× 96.7
30
8.3
50
23.6
12.9
B437*3B2568M6##
6800
64.3
× 96.7
26
7.7
45
25.8
14.0
B437*3A2688M6##
8200
64.3
× 118.2
20
6.2
34
29.6
16.0
B437*3A2828M6##
8200
76.9
× 96.7
20
5.6
34
33.1
18.0
B437*3B2828M6##
10000
64.3
× 130.7
17
5.5
30
33.2
18.0
B437*3A2109M6##
10000
76.9
× 105.7
17
4.8
28
36.9
20.0
B437*3B2109M6##
12000
76.9
× 118.2
14
4.1
24
41.2
22.3
B437*3A2129M6##
15000
76.9
× 143.2
11
3.4
19
47.6
25.8
B437*3A2159M6##
15000
90.0
× 120.0
11
3.2
19
51.0
28.4
B437*3B2159M6##
18000
76.9
× 156.2
9.5
3.0
17
53.1
28.8
B437*3A2189M6##
18000
90.0
× 144.5
9.2
2.7
16
57.1
31.8
B437*3B2189M6##
22000
76.9
× 190.7
7.8
2.5
14
61.0
33.9
B437*3A2229M6##
22000
90.0
× 170.0
7.6
2.2
14
64.4
35.9
B437*3B2229M6##
27000
76.9
× 220.7
6.4
2.1
12
70.4
39.0
B437*3A2279M6##
27000
90.0
× 197.0
6.2
1.9
12
72.8
40.6
B437*3B2279M6##
33000
90.0
× 221.0
5.2
1.7
9.8
82.5
45.9
B437*3A2339M6##
B43713, B43733
Very long useful life
85
°C
Page7of34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com