Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 4 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 4 Page - EPCOS

  B43713 Datasheet HTML 1Page - EPCOS B43713 Datasheet HTML 2Page - EPCOS B43713 Datasheet HTML 3Page - EPCOS B43713 Datasheet HTML 4Page - EPCOS B43713 Datasheet HTML 5Page - EPCOS B43713 Datasheet HTML 6Page - EPCOS B43713 Datasheet HTML 7Page - EPCOS B43713 Datasheet HTML 8Page - EPCOS B43713 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Ripple current capability
Due to the ripple current capability of the capacitor contact elements, the following current upper
limits must not be exceeded in case of the absence of any forced cooling around the capacitor
and its contact elements:
Capacitor diameter
51.6 mm
64.3 mm
76.9 mm
90 mm
IAC,max
34 A
57 A
74 A
89 A
In the event of the availability of cooling (e.g. forced air around the capacitor body, forced air
around the contact elements, capacitor base cooling by a heat sink) however above limits may be
exceeded depending on the cooling conditions. For details please contact our sales offices.
Dimensional drawings
Positive pole marking: +
B43713
Ring clip/clamp mounting
B43733
Threaded stud mounting
For standard types with threaded stud the base is not insulated. Also refer to the mounting in-
structions in chapter "Capacitors with screw terminals
accessories" on page 21.
Screw terminals with UNF threads are available upon request.
For information regarding dimensions and weights, packing, special designs and design options,
refer to chapter "Capacitors with screw terminals
general information" on page 14.
B43713, B43733
Very long useful life
85
°C
Page4of34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com