Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 17 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 17 Page - EPCOS

Back Button B43713 Datasheet HTML 13Page - EPCOS B43713 Datasheet HTML 14Page - EPCOS B43713 Datasheet HTML 15Page - EPCOS B43713 Datasheet HTML 16Page - EPCOS B43713 Datasheet HTML 17Page - EPCOS B43713 Datasheet HTML 18Page - EPCOS B43713 Datasheet HTML 19Page - EPCOS B43713 Datasheet HTML 20Page - EPCOS B43713 Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
5
Special designs
5.1
Design options
Design options
Identification in third
block of ordering code
Remark
Standard
M600
Standard version without threaded stud:
fully insulated with PET
Standard version with threaded stud:
insulated with PET sleeve, base not
insulated
Low inductance (13 nH)
M603
For capacitors with diameter d
≥ 64.3 mm
Heat sink mounting
M607
For capacitors with diameter d
≥ 64.3 mm
and without threaded stud
Insulated base
M608
For capacitors with threaded stud, fully
insulated with PET sleeve and PP disk
PAPR terminal style
M650
Not for low inductance
PAPR with heat sink
mounting
M657
For capacitors with diameter d
≥ 64.3 mm
and without threaded stud, not for low
inductance
PAPR with insulated base
M658
For capacitors with threaded stud, fully
insulated with PET sleeve and PP disk, not
for low inductance
Version with low inductance (13 nH) in combination with insulated base (threaded stud) available
upon request.
Please note that there are design options which might not be available for each series. For further
information refer to series data sheets.
5.2
Low-inductance design (M603)
Low-inductance aluminum electrolytic capacitors offer numerous advantages for frequency con-
verter design:
Voltage peaks caused by steep-edged pulses are significantly reduced.
Power semiconductors of a lower voltage class can be used.
Capacitor banks require fewer capacitors, which reduces the cost, weight and space require-
ments of frequency converters accordingly.
The low inductance of the aluminum electrolytic capacitor with screw terminals is the result of var-
ious design improvements.
B43713, B43733
Very long useful life
85
°C
Page 17 of 34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com