Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 16 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 16 Page - EPCOS

Back Button B43713 Datasheet HTML 12Page - EPCOS B43713 Datasheet HTML 13Page - EPCOS B43713 Datasheet HTML 14Page - EPCOS B43713 Datasheet HTML 15Page - EPCOS B43713 Datasheet HTML 16Page - EPCOS B43713 Datasheet HTML 17Page - EPCOS B43713 Datasheet HTML 18Page - EPCOS B43713 Datasheet HTML 19Page - EPCOS B43713 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
3
Accessories
All accessories for connecting (screws M5 and M6) as well as for mounting the capacitors must
be ordered separately. For details refer to chapter "Capacitors with screw terminals
acces-
sories" on page 21.
Item
Type
Screws M5 and M6
B44020
Ring clips
B44030
Clamps for capacitors with d
≥ 64.3 mm
B44030
Insulating parts
B44020
4
Packing
Capacitor diameter d (mm)
Length l (mm)
Packing units (pcs.)
51.6
all
36
64.3
all
25
76.9
≤168.7
>168.7
16
12
90.0
all
9
For ecological reasons the packing is pure cardboard.
B43713, B43733
Very long useful life
85
°C
Page 16 of 34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com