Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 26 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 26 Page - EPCOS

Back Button B43713 Datasheet HTML 22Page - EPCOS B43713 Datasheet HTML 23Page - EPCOS B43713 Datasheet HTML 24Page - EPCOS B43713 Datasheet HTML 25Page - EPCOS B43713 Datasheet HTML 26Page - EPCOS B43713 Datasheet HTML 27Page - EPCOS B43713 Datasheet HTML 28Page - EPCOS B43713 Datasheet HTML 29Page - EPCOS B43713 Datasheet HTML 30Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Clamp mounting
Screw terminal capacitors without threaded stud and with a diameter
≥ 64.3 mm can also be
mounted with ring clamps. Clamp mounting offers the following advantages:
Optimum heat transfer between capacitor base and board due to pressure contact
High vibration resistance
Electrically insulated material
Dimensional drawing
1) Length of screw depends on application.
2) The screws have to be tightened uniformly and crosswise until the fixing part rests flatly on the
board.
3) Tubular rivets included in delivery package.
General hints for mounting: If required, the four fixation parts can be cut out from the common
carrier ring and mounted separately.
Dimensions and ordering codes
Capacitor diameter d
mm
d1
±0.2
mm
b
mm
Ordering code
64.3
87.0
104.0
B44030A0165B000
76.9
99.0
116.0
B44030A0175B000
90.0
112.0
130.0
B44030A0190B000
Screws are not included in the delivery package.
B43713, B43733
Very long useful life
85
°C
Page 26 of 34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com