Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 12 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 12 Page - EPCOS

Back Button B43713 Datasheet HTML 8Page - EPCOS B43713 Datasheet HTML 9Page - EPCOS B43713 Datasheet HTML 10Page - EPCOS B43713 Datasheet HTML 11Page - EPCOS B43713 Datasheet HTML 12Page - EPCOS B43713 Datasheet HTML 13Page - EPCOS B43713 Datasheet HTML 14Page - EPCOS B43713 Datasheet HTML 15Page - EPCOS B43713 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
1 = for capacitors with ring clip/clamp mounting
3 = for capacitors with threaded stud
00 = standard
07 = heat sink mounting
08 = insulated base
50 = PAPR terminal style
57 = PAPR with heat sink mounting
58 = PAPR with insulated base
For details refer to "Design options" on page 17.
VR =500VDC
820
51.6
× 80.7
130
32
200
9.20
4.68
B437*3A6827M6##
1000
51.6
× 96.7
100
26
160
10.4
5.35
B437*3A6108M6##
1200
51.6
× 105.7
85
22
140
11.8
6.05
B437*3A6128M6##
1200
64.3
× 80.7
85
22
140
12.3
6.28
B437*3B6128M6##
1500
51.6
× 130.7
70
18
110
13.9
7.10
B437*3A6158M6##
1500
64.3
× 96.7
70
17
110
14.1
7.23
B437*3B6158M6##
1800
64.3
× 105.7
60
15
90
15.9
8.13
B437*3A6188M6##
2200
64.3
× 118.2
50
12
75
18.2
9.28
B437*3A6228M6##
2200
76.9
× 96.7
45
12
75
19.8
10.0
B437*3B6228M6##
2700
64.3
× 143.2
38
10
60
20.9
10.6
B437*3A6278M6##
2700
76.9
× 105.7
38
9.8
60
22.5
11.4
B437*3B6278M6##
3300
76.9
× 130.7
32
7.9
50
25.4
12.9
B437*3A6338M6##
3900
76.9
× 143.2
26
6.8
45
28.3
14.4
B437*3A6398M6##
4700
90.0
× 144.5
22
5.6
34
33.6
17.5
B437*3A6478M6##
B43713, B43733
Very long useful life
85
°C
Page 12 of 34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com