Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 9 Page - EPCOS

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43713 Datasheet(HTML) 9 Page - EPCOS

Back Button B43713 Datasheet HTML 5Page - EPCOS B43713 Datasheet HTML 6Page - EPCOS B43713 Datasheet HTML 7Page - EPCOS B43713 Datasheet HTML 8Page - EPCOS B43713 Datasheet HTML 9Page - EPCOS B43713 Datasheet HTML 10Page - EPCOS B43713 Datasheet HTML 11Page - EPCOS B43713 Datasheet HTML 12Page - EPCOS B43713 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
1 = for capacitors with ring clip/clamp mounting
3 = for capacitors with threaded stud
00 = standard
07 = heat sink mounting
08 = insulated base
50 = PAPR terminal style
57 = PAPR with heat sink mounting
58 = PAPR with insulated base
For details refer to "Design options" on page 17.
VR =350VDC
1500
51.6
× 80.7
80
22
130
11.8
6.44
B437*3A4158M6##
1800
51.6
× 96.7
65
18
110
13.4
7.33
B437*3A4188M6##
2200
51.6
× 105.7
55
15
90
15.2
8.32
B437*3A4228M6##
2200
64.3
× 80.7
55
15
90
15.9
8.67
B437*3B4228M6##
2700
51.6
× 118.2
45
13
75
17.5
9.52
B437*3A4278M6##
2700
64.3
× 80.7
45
13
75
17.6
9.59
B437*3B4278M6##
3300
64.3
× 96.7
38
11
60
20.2
11.0
B437*3A4338M6##
3900
64.3
× 105.7
32
9.4
55
22.5
12.2
B437*3A4398M6##
3900
76.9
× 96.7
30
8.1
50
25.1
13.6
B437*3B4398M6##
4700
64.3
× 130.7
26
7.6
45
25.7
13.9
B437*3A4478M6##
4700
76.9
× 96.7
26
7.3
45
27.8
15.1
B437*3B4478M6##
5600
64.3
× 143.2
22
6.7
36
28.8
15.6
B437*3A4568M6##
5600
76.9
× 118.2
22
5.9
36
31.3
17.0
B437*3B4568M6##
6800
76.9
× 130.7
18
5.1
30
35.3
19.1
B437*3A4688M6##
6800
90.0
× 120.0
18
4.7
30
38.0
21.2
B437*3B4688M6##
8200
76.9
× 156.2
16
4.2
26
39.4
21.5
B437*3A4828M6##
8200
90.0
× 120.0
15
4.2
24
42.2
23.5
B437*3B4828M6##
10000
76.9
× 168.7
13
3.7
22
45.0
25.0
B437*3A4109M6##
10000
90.0
× 144.5
12
3.5
20
47.7
26.6
B437*3B4109M6##
12000
76.9
× 220.7
11
3.0
18
51.1
28.5
B437*3A4129M6##
15000
90.0
× 197.0
8.6
2.5
15
60.9
34.0
B437*3A4159M6##
18000
90.0
× 221.0
7.2
2.2
13
68.8
38.3
B437*3A4189M6##
B43713, B43733
Very long useful life
85
°C
Page9of34
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com